Electronic Components Datasheet Search
  English  ▼

X  

B15H2HRRC Datasheet(PDF) 5 Page - Harvatek Corporation

Part # B15H2HRRC
Description  Top View Chip LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARVATEK [Harvatek Corporation]
Direct Link  https://www.harvatek.com/
Logo HARVATEK - Harvatek Corporation

B15H2HRRC Datasheet(HTML) 5 Page - Harvatek Corporation

  B15H2HRRC Datasheet HTML 1Page - Harvatek Corporation B15H2HRRC Datasheet HTML 2Page - Harvatek Corporation B15H2HRRC Datasheet HTML 3Page - Harvatek Corporation B15H2HRRC Datasheet HTML 4Page - Harvatek Corporation B15H2HRRC Datasheet HTML 5Page - Harvatek Corporation B15H2HRRC Datasheet HTML 6Page - Harvatek Corporation B15H2HRRC Datasheet HTML 7Page - Harvatek Corporation B15H2HRRC Datasheet HTML 8Page - Harvatek Corporation B15H2HRRC Datasheet HTML 9Page - Harvatek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Top View Chip LED
B15H2HRRC20C-000213
7
Official Product
HT Part No. B15H2HRRC20C-000213
Tentative Product
****************
****************
Specifications are subject to changes for improvement without advance
notice. Proprietary data, drawings, company confidential all rights reserved.
04/24/2018
Preliminary
Page 5/15
Label Specifications
■Harvatek P/N:
B
15H
2
HRRC
20C-
0001
13
■ Lot No.:
Product
Dice
Current
Taping
PCB
2: Bi
20mA
1.
Taping style
2.
Q’ty
Package
Color
Series Number
3.2(L)x2.7(W)x1.1(H) mm
HR: Red、RC: IRC
0001~ZZZZ


Similar Part No. - B15H2HRRC

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
B15HB NKK-B15HB Datasheet
299Kb / 8P
   Process Sealed Subminiature Antistatic Toggles
logo
Ohmite Mfg. Co.
B15HB-GA OHMITE-B15HB-GA Datasheet
258Kb / 8P
   General Specifications
logo
Nihon Kaiheiki Industry...
B15HB-GA NKK-B15HB-GA Datasheet
250Kb / 8P
   General Specifications
logo
Ohmite Mfg. Co.
B15HB-GB OHMITE-B15HB-GB Datasheet
258Kb / 8P
   General Specifications
logo
Nihon Kaiheiki Industry...
B15HB-GB NKK-B15HB-GB Datasheet
250Kb / 8P
   General Specifications
More results

Similar Description - B15H2HRRC

ManufacturerPart #DatasheetDescription
logo
Harvatek Corporation
B0211 HARVATEK-B0211 Datasheet
587Kb / 15P
   Top View Chip LED
05/06/2017 Preliminary
B1501 HARVATEK-B1501 Datasheet
717Kb / 14P
   Top View Chip LED
07/13/2017 Version 1.3
B19Y1 HARVATEK-B19Y1 Datasheet
630Kb / 15P
   Top View Chip LED
05/19/2017 Version 1.1
E1221 HARVATEK-E1221 Datasheet
709Kb / 15P
   Top View Chip LED
08/04/2017 Version 1.2
B3803RGB HARVATEK-B3803RGB Datasheet
862Kb / 15P
   Top view Chip LED
07/28/2017 Version 1.2
B3813BRG HARVATEK-B3813BRG Datasheet
683Kb / 15P
   Top view Chip LED
07/03/2017 Version 1.5
B15T1IRP HARVATEK-B15T1IRP Datasheet
841Kb / 14P
   Top View Chip LED
05/08/2018 Preliminary
B1701IR HARVATEK-B1701IR Datasheet
890Kb / 14P
   Top View Chip LED
02/25/2020 Version 1.2
B1701IRP HARVATEK-B1701IRP Datasheet
893Kb / 14P
   Top View Chip LED
07/29/2019 Version 1.2
B1701 HARVATEK-B1701 Datasheet
815Kb / 14P
   Top View Chip LED
07/24/2017 Version 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com