Electronic Components Datasheet Search
  English  ▼

X  

B15H2HRRC Datasheet(PDF) 6 Page - Harvatek Corporation

Part # B15H2HRRC
Description  Top View Chip LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARVATEK [Harvatek Corporation]
Direct Link  https://www.harvatek.com/
Logo HARVATEK - Harvatek Corporation

B15H2HRRC Datasheet(HTML) 6 Page - Harvatek Corporation

Back Button B15H2HRRC Datasheet HTML 2Page - Harvatek Corporation B15H2HRRC Datasheet HTML 3Page - Harvatek Corporation B15H2HRRC Datasheet HTML 4Page - Harvatek Corporation B15H2HRRC Datasheet HTML 5Page - Harvatek Corporation B15H2HRRC Datasheet HTML 6Page - Harvatek Corporation B15H2HRRC Datasheet HTML 7Page - Harvatek Corporation B15H2HRRC Datasheet HTML 8Page - Harvatek Corporation B15H2HRRC Datasheet HTML 9Page - Harvatek Corporation B15H2HRRC Datasheet HTML 10Page - Harvatek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Top View Chip LED
B15H2HRRC20C-000213
7
Official Product
HT Part No. B15H2HRRC20C-000213
Tentative Product
****************
****************
Specifications are subject to changes for improvement without advance
notice. Proprietary data, drawings, company confidential all rights reserved.
04/24/2018
Preliminary
Page 6/15
Absolute Maximum Rating at 25℃
Symbol
Parameters
Ratings
Units
Notes
IF
Forward Current
R
20
mA
IR
20
IFP
Peak Forward Current
R
40
mA
1
IR
150
VR
Reverse Voltage
5
V
Topr
Operating Temperature
-40 ~ +85
Tstg
Storage Temperature
-40 ~ +100
Tsol
Soldering Temperature
260
2
Notes:
1.
1 IFP Conditions--Pulse Width≦100μs and Duty≦1%.
2.
Soldering time≦5 seconds.
Electro-Optical Characteristics(IR)
Symbol
Parameters
Test conditions
Min
Typ
Max
Units
Notes
Ie
Radiant Intensity
IF=20mA
1
1.7
-
mW/sr
3
λP
Peak Wavelength
IF=20mA
-
900
-
nm
4
Δλ
Spectral bandwidth at 50% of Imax
IF=20mA
40
-
nm
VF
Forward Voltage
IF=70mA
-
1.39
1.8
V
5
IR
Reverse Current
VR=5V
-
-
10
μA
2θ1/2
Angle of Half Intensity
IF=20mA
140
deg
Electro-Optical Characteristics(R)
Symbol
Parameters
Test conditions
Min
Typ
Max
Units
Notes
Ie
Radiant Intensity
IF=20mA
1
1.20
-
mW/sr
3
λP
Peak Wavelength
IF=20mA
-
660
-
nm
4
Δλ
Spectral bandwidth at 50% of Imax
IF=20mA
30
-
nm
VF
Forward Voltage
IF=20mA
-
1.95
2.4
V
5
IR
Reverse Current
VR=5V
-
-
10
μA
2θ1/2
Angle of Half Intensity
IF=20mA
140
deg


Similar Part No. - B15H2HRRC

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
B15HB NKK-B15HB Datasheet
299Kb / 8P
Process Sealed Subminiature Antistatic Toggles
logo
Ohmite Mfg. Co.
B15HB-GA OHMITE-B15HB-GA Datasheet
258Kb / 8P
General Specifications
logo
Nihon Kaiheiki Industry...
B15HB-GA NKK-B15HB-GA Datasheet
250Kb / 8P
General Specifications
logo
Ohmite Mfg. Co.
B15HB-GB OHMITE-B15HB-GB Datasheet
258Kb / 8P
General Specifications
logo
Nihon Kaiheiki Industry...
B15HB-GB NKK-B15HB-GB Datasheet
250Kb / 8P
General Specifications
More results

Similar Description - B15H2HRRC

ManufacturerPart #DatasheetDescription
logo
Harvatek Corporation
B0211 HARVATEK-B0211 Datasheet
587Kb / 15P
Top View Chip LED
05/06/2017 Preliminary
B1501 HARVATEK-B1501 Datasheet
717Kb / 14P
Top View Chip LED
07/13/2017 Version 1.3
B1701 HARVATEK-B1701 Datasheet
815Kb / 14P
Top View Chip LED
07/24/2017 Version 1.1
B19Y1 HARVATEK-B19Y1 Datasheet
630Kb / 15P
Top View Chip LED
05/19/2017 Version 1.1
B3803RGB HARVATEK-B3803RGB Datasheet
862Kb / 15P
Top view Chip LED
07/28/2017 Version 1.2
B3813BRG HARVATEK-B3813BRG Datasheet
683Kb / 15P
Top view Chip LED
07/03/2017 Version 1.5
E1221 HARVATEK-E1221 Datasheet
709Kb / 15P
Top View Chip LED
08/04/2017 Version 1.2
B15T1IRP HARVATEK-B15T1IRP Datasheet
841Kb / 14P
Top View Chip LED
05/08/2018 Preliminary
B1701IR HARVATEK-B1701IR Datasheet
890Kb / 14P
Top View Chip LED
02/25/2020 Version 1.2
B1701IRP HARVATEK-B1701IRP Datasheet
893Kb / 14P
Top View Chip LED
07/29/2019 Version 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com