Electronic Components Datasheet Search
  English  ▼

X  

B15H2HRRC Datasheet(PDF) 10 Page - Harvatek Corporation

Part # B15H2HRRC
Description  Top View Chip LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARVATEK [Harvatek Corporation]
Direct Link  https://www.harvatek.com/
Logo HARVATEK - Harvatek Corporation

B15H2HRRC Datasheet(HTML) 10 Page - Harvatek Corporation

Back Button B15H2HRRC Datasheet HTML 6Page - Harvatek Corporation B15H2HRRC Datasheet HTML 7Page - Harvatek Corporation B15H2HRRC Datasheet HTML 8Page - Harvatek Corporation B15H2HRRC Datasheet HTML 9Page - Harvatek Corporation B15H2HRRC Datasheet HTML 10Page - Harvatek Corporation B15H2HRRC Datasheet HTML 11Page - Harvatek Corporation B15H2HRRC Datasheet HTML 12Page - Harvatek Corporation B15H2HRRC Datasheet HTML 13Page - Harvatek Corporation B15H2HRRC Datasheet HTML 14Page - Harvatek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Top View Chip LED
B15H2HRRC20C-000213
7
Official Product
HT Part No. B15H2HRRC20C-000213
Tentative Product
****************
****************
Specifications are subject to changes for improvement without advance
notice. Proprietary data, drawings, company confidential all rights reserved.
04/24/2018
Preliminary
Page 10/15
Precaution for Use
1.
The chips should not be used directly in any type of fluid such as water, oil, organic solvent,
etc.
2.
When the LEDs are illuminating, the maximum ambient temperature should be first
considered before operation.
3.
LEDs must be stored in a clean environment. A sealed container with a nitrogen
atmosphere is necessary if the storage period is over 3 months after shipping.
4.
The LEDs must be used within 96 hours after unpacked. Unused products must be
repacked in an anti-electrostatic package, folded to close any opening and then stored in a
dry and cool space.
5.
The appearance and specifications of the products may be modified for improvement
without further notice.
6.
The LEDs are sensitive to the static electricity and surge. It is strongly recommended to
use a grounded wrist band and anti-electrostatic glove when handling the LEDs.If a
voltage over the absolute maximum rating is applied to LEDs, it will damage
LEDs.Damaged LEDs will show some abnormal characteristics such as remarkable
increase of leak current, lower turn-on voltage and getting unlit at low current.


Similar Part No. - B15H2HRRC

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
B15HB NKK-B15HB Datasheet
299Kb / 8P
   Process Sealed Subminiature Antistatic Toggles
logo
Ohmite Mfg. Co.
B15HB-GA OHMITE-B15HB-GA Datasheet
258Kb / 8P
   General Specifications
logo
Nihon Kaiheiki Industry...
B15HB-GA NKK-B15HB-GA Datasheet
250Kb / 8P
   General Specifications
logo
Ohmite Mfg. Co.
B15HB-GB OHMITE-B15HB-GB Datasheet
258Kb / 8P
   General Specifications
logo
Nihon Kaiheiki Industry...
B15HB-GB NKK-B15HB-GB Datasheet
250Kb / 8P
   General Specifications
More results

Similar Description - B15H2HRRC

ManufacturerPart #DatasheetDescription
logo
Harvatek Corporation
B0211 HARVATEK-B0211 Datasheet
587Kb / 15P
   Top View Chip LED
05/06/2017 Preliminary
B1501 HARVATEK-B1501 Datasheet
717Kb / 14P
   Top View Chip LED
07/13/2017 Version 1.3
B19Y1 HARVATEK-B19Y1 Datasheet
630Kb / 15P
   Top View Chip LED
05/19/2017 Version 1.1
E1221 HARVATEK-E1221 Datasheet
709Kb / 15P
   Top View Chip LED
08/04/2017 Version 1.2
B3803RGB HARVATEK-B3803RGB Datasheet
862Kb / 15P
   Top view Chip LED
07/28/2017 Version 1.2
B3813BRG HARVATEK-B3813BRG Datasheet
683Kb / 15P
   Top view Chip LED
07/03/2017 Version 1.5
B15T1IRP HARVATEK-B15T1IRP Datasheet
841Kb / 14P
   Top View Chip LED
05/08/2018 Preliminary
B1701IR HARVATEK-B1701IR Datasheet
890Kb / 14P
   Top View Chip LED
02/25/2020 Version 1.2
B1701IRP HARVATEK-B1701IRP Datasheet
893Kb / 14P
   Top View Chip LED
07/29/2019 Version 1.2
B1701 HARVATEK-B1701 Datasheet
815Kb / 14P
   Top View Chip LED
07/24/2017 Version 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com