Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 260 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 260 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 256Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 257Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 258Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 259Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 260Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 261Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 262Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 263Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 264Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 441 page
background image
6- 10
MC68340 USER’S MANUAL
MOTOROLA
6.4.1.2 SINGLE-ADDRESS WRITE. During the single-address destination (write) cycle,
the DMA controls the transfer of data from a device to memory. The data is written to
memory selected by the address specified in the destination address register (DAR), the
destination function codes in the FCR, and the size in the CCR. The destination (write)
DMA bus cycle has timing identical to a write bus cycle. The DMA control signals (
DACK
≈
and
DONE
≈) are asserted in the destination (write) cycle. See Figures 6-7 and 6-8 for
timing diagrams of single-address write for external burst and cycle steal modes.
.
A31–A0
FC3–FC0
SIZ1-SIZ0
R/W
AS
DS
DSACKx
S0
S2
S4
S0
S2
S4
S0
S2
S4
S0
D15–D0
DREQx
DACKx
DONEx
(OUTPUT)
CPU CYCLE
DMA WRITE
CPU CYCLE
NOTE:
1. Timing to generate more than one DMA request.
2. DACKx and DONEx (DMA control signals) are asserted in the source (read) DMA cycle.
2. DREQx must be asserted while DACKx is asserted, and meet the setup and hold times for
more than one DMA transfer to be recognized.
DMA WRITE
CLKOUT
DONEx
(INPUT)
Figure 6-7. Single-Address Write Timing (External Burst)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com