Electronic Components Datasheet Search
  English  ▼

X  

SM5350 Datasheet(PDF) 1 Page - Silicon Mitus, Inc.

Part # SM5350
Description  High-Efficiency Three-String with up to 10-WLED White LED Driver
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.

SM5350 Datasheet(HTML) 1 Page - Silicon Mitus, Inc.

  SM5350 Datasheet HTML 1Page - Silicon Mitus, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SM5350
© 2017 Silicon Mitus, Inc.
www.siliconmitus.com
August 2018
High-Efficiency Three-String
with up to 10-WLED White LED Driver
Features
 Drives up to Three Strings of 10 Series LEDs
 11-bit Programmable Dimming Resolution
 Exponential or Linear Brightness Control
 PWM Brightness Control for CABC Operation
 Internal Soft-Start Limits Inrush Current
 Wide 2.7 V to 5.5 V Input Voltage Range
 Adaptive Headroom Control
 Selectable Boost Frequency of 500 kH or 1 MHz.
 12-Bump WLCSP Package
 Protections
. Programmable 16 V / 24 V / 32 V / 35.5 V Overvoltage
Protection
. LED Open / Short Circuit Protection
. Thermal Shutdown
. Current Limit
Applications
 Mobile and Smart Phones LCD Backlight
 Tablets LCD Backlight
 Portable Devices LCD Backlight
Description
The SM5350 is a current mode boost converter which
supplies the power and controls current in up to three
strings of 8 LEDs per string. Programming is done over an
I2C-compatible interface. The maximum LED current is
adjustable from 5 mA to 29.8 mA. At any given maximum
LED current the LED brightness is further adjusted with
exponential or linear dimming steps. Additionally, pulsed
width modulation (PWM) brightness control can be enabled
allowing for LED current adjustment by a logic level PWM
signal.
The boost switching frequency is programmable at 500 kHz
for low switching loss performance or 1 MHz to allow the
use of tiny low-profile inductors. Overvoltage protection is
programmable at 16 V, 24 V, 32 V, or 35.5 V to
accommodate a wide variety of LED configurations and
Schottky diode/output capacitor combinations. The
SM5350 is available in a 12-bump WLCSP package.
Device Information
Part
Package
Size
SM5350
12 WLCSP
1.61 mm x 1.26 mm
Simplified Block Diagram
─────────────────────────────────────────────────────────────────────────────
Silicon Mitus cannot assume any responsibility for the consequence of use of information furnished nor for any infringement of patents or
other rights of third parties which may result from its use. No Circuit patent licenses are implied. Silicon Mitus reserves the right to change
the circuitry and specifications without notice at any time. This publication supersedes and replaces all information previously supplied. Silicon
Mitus products are not authorized for use as critical components in life support devices or systems without the express written approval of
Silicon Mitus.
© 2017 Silicon Mitus, Inc. - Printed in Korea - All Rights Reserved


Similar Part No. - SM5350

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SM535-1 BOURNS-SM535-1 Datasheet
182Kb / 1P
ADSL Line Transformers
logo
Datatronic Distribution...
SM535-1 DATATRONICS-SM535-1 Datasheet
103Kb / 1P
ADSL Line Transformers
logo
Bourns Electronic Solut...
SM535-1E BOURNS-SM535-1E Datasheet
182Kb / 1P
ADSL Line Transformers
SM535-1EL BOURNS-SM535-1EL Datasheet
182Kb / 1P
ADSL Line Transformers
More results

Similar Description - SM5350

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM5306 SILICONMITUS-SM5306 Datasheet
293Kb / 1P
High-Efficiency Dual-String with up to 10-WLED White LED Driver
August 2018 Rev. 0.0.0
logo
Texas Instruments
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697_15 Datasheet
1Mb / 43P
High-Efficiency Three-String White LED Driver
LM3630A TI1-LM3630A_15 Datasheet
1Mb / 51P
High-Efficiency Dual-String White LED Driver
LM3630A TI-LM3630A Datasheet
520Kb / 45P
LM3630A High-Efficiency Dual-String White LED Driver
logo
Monolithic Power System...
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
Step-Up, 4-String Max 200mA/String White LED Driver
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
Step-Up, 4-String Max 350mA/String White LED Driver
logo
Maxim Integrated Produc...
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
Monolithic Power System...
MP3394 MPS-MP3394 Datasheet
401Kb / 17P
Step-up, 4-String Max 200mA/String White LED Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com