Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 179 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 179 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 175Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 176Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 177Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 178Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 179Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 180Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 181Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 182Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 183Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 555 page
background image
Revision 0.8
179
www.national.com
TAP Controller Functional Description (Continued)
Table 4-38. TAP Controller Instructions
Instruction
DR
Length
IR Name
Description
000000h and
FFFFE8h
240
EXTEST
Boundary Scan Ring. IEEE 1149.1 specification compliant.
(Mapped twice in IR address space.)
01FFFAh through
1DFFFAh
Variable
TAPSCAN[0:28]
TAP Scan Chain 0 through Chain 28. These are parts of the
internal scan chain subdivided according to a common CCU
clock.
01FFFFh through
1DFFFFh
1
TAPFUNC[0:28]
TAP Function Chain 0 through Chain 28. One capture cycle
applied to the individual CCU scan chain clocked by the func-
tional clock.
81FFFAh
70
GL_ADDR
GeodeLink Address. Access GeodeLink request packet and
data packet control bits.
83FFFAh
66
GL_DATA
GeodeLink Data. Access GeodeLink data.
85FFFAh
4
PADACC
Pad Access. Padtestmode for access to analog and memory
BIST signals.
87FFFAh
24
PROGMISR
Program instruction. This instruction provides direct access to
an MSR used for the ROM memory BIST test. Not supported.
8BFFFAh
70
GL_ADDR_ACT
GeodeLink Address Action. Same data register as GL_ADDR,
but no GeodeLink transactions are triggered by the access -
only by GLCP debug action.
8DFFFAh
--
TST_IDDQ
Test IDDQ. Put chip in a mode for running IDDQ tests.
8FFFFAh
8
REVID
Revision ID. The TAP instruction used to access the current
revision code (8 bits) for the chip.
FFFFDFh
1
TRISTATE
TRI-STATE. Put chip into TRI-STATE and comparison mode.
FFFFFDh
21
BISTDR
Parallel RAM BIST. Internal data register (for chip test).
FFFFFEh
32
IDCODE
ID Code. 0FE1101Fh for CS5535.
MSB
LSB
ID[31:28]
ID27
ID[12:11]
ID[1:0]
Version
Part Number
Manuf. ID
1
FFFFFFh
1
BYPASS
Bypass. IEEE 1149.1 specification requires all 1s to be
bypassed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com