Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 184 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 184 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 180Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 181Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 182Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 183Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 184Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 185Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 186Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 187Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 188Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 555 page
background image
www.national.com
184
Revision 0.8
5.0
Register Descriptions
This chapter provides detailed information regarding the
registers of the CS5535. The register descriptions are doc-
umented at the module-level and briefly summarized
below.
GeodeLink Interface Unit (GLIU)
• Standard GeodeLink Device MSRs: Accessed via
RDMSR and WRMSR instructions.
• P2D Descriptor MSRs: Accessed via RDMSR and
WRMSR instructions. (Memory base descriptor.)
• GLIU Specific MSRs: Accessed via RDMSR and
WRMSR instructions.
• IOD Descriptor MSRs: Accessed via RDMSR and
WRMSR instructions. (I/O base descriptor.)
GeodeLink PCI South Bridge (GLPCI_SB)
• Standard GeodeLink Device MSRs: Accessed via
RDMSR and WRMSR instructions.
• GLPCI_SB Specific MSRs: Accessed via RDMSR and
WRMSR instructions.
• PCI Configuration Registers: Index accessed via PCI
configuration cycle.
Audio Codec 97 Controller (ACC)
• Standard GeodeLink Device MSRs: Accessed via
RDMSR and WRMSR instructions.
• ACC Native Registers: Accessed as I/O offsets from a
GLIU IOD descriptor.
ATA5 Controller (ATAC)
• Standard GeodeLink Device MSRs: Accessed via
RDMSR and WRMSR instructions.
• ATAC Specific MSRs: Accessed via RDMSR and
WRMSR instructions.
• ATAC Native Registers: Accessed as I/O offsets from a
GLIU IOD descriptor.
Universal Serial Bus Controllers (USBC1, USBC2)
• Standard GeodeLink Device MSRs: Accessed via
RDMSR and WRMSR instructions.
• USB Specific MSRs: Accessed via RDMSR and
WRMSR instructions.
• USB Embedded PCI Configuration Registers: Accessed
via RDMSR and WRMSR instructions. Also requires
GLIU P2D descriptor.
• Host Controller Native Registers: Accessed via a base
address register at USB PCI Index 10h as memory
offsets.
Diverse Integration Logic (DIVIL)
• Standard GeodeLink Device MSRs: Accessed via
RDMSR and WRMSR instructions.
• DIVIL Specific MSRs: Accessed via RDMSR and
WRMSR instructions.
Floppy Port
• Standard GeodeLink Device MSRs: Accessed via
RDMSR and WRMSR instructions. (Shared with DIVIL.)
• Floppy Port Specific MSRs: Accessed via RDMSR and
WRMSR instructions.
Programmable Interval Timer (PIT)
• Standard GeodeLink Device MSRs: Accessed via
RDMSR and WRMSR instructions. (Shared with DIVIL.)
• PIT Specific MSRs: Accessed via RDMSR and WRMSR
instructions.
• PIT Native Registers: Accessed as I/O addresses.
Programmable Interrupt Controller (PIC)
• Standard GeodeLink Device MSRs: Accessed via
RDMSR and WRMSR instructions. (Shared with DIVIL.)
• PIC Specific MSRs: Accessed via RDMSR and WRMSR
instructions.
• PIC Native Registers: Accessed as I/O addresses.
Keyboard Emulation Logic (KEL)
• Standard GeodeLink Device MSRs: Accessed via
RDMSR and WRMSR instructions. (Shared with DIVIL.)
• KEL Specific MSRs: Accessed via RDMSR and
WRMSR instructions.
• KEL Native Registers: Accessed via a base address
register, MSR_LBAR_KEL1 (MSR 51400009h) and/or
MSR_LBAR_KEL2 (MSR 5140000Ah), as memory
offsets.
System Management Bus (SMB)
• Standard GeodeLink Device MSRs: Accessed via
RDMSR and WRMSR instructions. (Shared with DIVIL.)
• SMB Native Registers: Accessed via a base address
register, MSR_LBAR_SMB (MSR 5140000Bh), as I/O
offsets.
Universal Asynchronous Receiver-Transmitter (UART)
• Standard GeodeLink Device MSRs: Accessed via
RDMSR and WRMSR instructions. (Shared with DIVIL.)
• UART/IR Controller Specific MSRs: Accessed via
RDMSR and WRMSR instructions.
• UART/IR Controller Native Registers: Accessed via
Banks 0 through 7 as I/O offsets. See MSR_LEG_IO
(MSR 51400014h) bits [22:20] and bits [18:16] for
setting base address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com