Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 239 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 239 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 235Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 236Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 237Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 238Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 239Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 240Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 241Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 242Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 243Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 555 page
background image
Revision 0.8
239
www.national.com
ACC Register Descriptions (Continued)
5.3.2.4
Codec Control Register (ACC_CODEC_CNTL)
Note:
Since this register could potentially be accessed by both an audio driver and a modem driver running at the same
time, it is expected that all writes occur as atomic read-modify-write accesses.
17
STS_NEW
Codec Status New (Read to Clear). Indicates if the status data in bits [15:0] is new:
0: Not new.
1: New.
This bit is set by hardware after receiving valid codec status data in slot 2 of the input
stream. Upon issuing a read to the codec registers, software should wait for this flag to
indicate that the corresponding data has been returned.
16
RSVD
Reserved. Reads return 0.
15:0
STS_DATA
Codec Status Data (Read Only). This is the codec status data that is received from
the codec in slot 2, bits [19:4] of the serial input stream. This is used for reading the
contents of registers inside the AC97 codec.
ACC I/O Offset
0Ch
Type
R/W
Reset Value
00000000h
ACC_CODEC_CNTL Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
CMD_ADD
COMM
_SEL
CMD_DATA
ACC_CODEC_CNTL Bit Descriptions
Bit
Name
Description
31
RW_CMD
Codec Read/Write Command. This bit specifies a read or write operation targeting the
AC97 codec’s registers.
0: Write.
1: Read.
This bit determines whether slot 1, bit 19 of the serial output stream will be high or low.
30:24
CMD_ADD
Codec Command Address. Address of the codec control register for which the com-
mand is being sent. This address goes in slot 1, bits [18:12] of the serial output stream.
This is used for specifying the address of a register in the AC97 codec (for reading or
writing).
23:22
COMM_SEL
Audio Codec Communication. Selects which codec to communicate with (for register
reads/writes):
00: Codec 1 (Primary)
01: Codec 2 (Secondary)
10: Codec 3
11: Codec 4
These bits determine output slot 0, bits [1:0]. When these bits are non-zero, bits [14:13]
of output slot 0 must be set to zeros regardless of the validity of slot 1 and slot 2.
ACC_CODEC_STATUS Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com