Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 247 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 247 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 243Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 244Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 245Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 246Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 247Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 248Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 249Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 250Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 251Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 555 page
background image
Revision 0.8
247
www.national.com
5.4
ATA-5 CONTROLLER REGISTER DESCRIPTIONS
The control registers for the ATA-5 compatible IDE control-
ler (ATAC) are divided into three sets:
• Standard GeodeLink Device MSRs
• ATAC Specific MSRs
• ATAC Native Registers
The MSRs are accessed via the RDMSR and WRMSR pro-
cessor instructions. The MSR address is derived from the
perspective of the CPU Core. See Section 3.2 "CS5535
MSR Addressing" on page 53 for more details on MSR
addressing.
The Native registers are accessed as I/O Offsets from a
GLIU IOD Descriptor and are BYTE, WORD and DWORD
accessible.
Tables 5-10 through 5-12 are ATAC register summary
tables that include reset values and page references where
the bit descriptions are provided.
Table 5-10. Standard GeodeLink Device MSRs Summary
MSR Address
Type
Register Name
Reset Value
Reference
51300000h
RO
GeodeLink Device Capabilities MSR
(ATAC_GLD_MSR_CAP)
00000000_002470xxh
Page 248
51300001h
R/W
GeodeLink Device Master Configuration MSR
(ATAC_GLD_MSR_CONFIG)
00000000_0000F000h
Page 249
51300002h
R/W
GeodeLink Device SMI MSR
(ATAC_GLD_MSR_SMI)
00000000_00000000h
Page 250
51300003h
R/W
GeodeLink Device Error MSR
(ATAC_GLD_MSR_ERROR)
00000000_00000100h
Page 251
51300004h
R/W
GeodeLink Device Power Management MSR
(ATAC_GLD_MSR_PM)
00000000_00000000h
Page 252
51300005h
R/W
GeodeLink Device Diagnostic MSR
(ATAC_GLD_MSR_DIAG)
00000000_00000000h
Page 253
Table 5-11. ATAC Specific MSRs Summary
MSR Address
Type
Register Name
Reset Value
Reference
51300008h
R/W
I/O Base Address (ATAC_IO_BAR)
00000000_00000001h
Page 254
51300009h
---
Unused
---
---
51300010h
R/W
Reset Decode (ATAC_RESET)
00000000_00000000h
Page 254
51300011h-
5130001Fh
---
Unused
---
---
51300020h
R/W
Channel 0 Drive 0 PIO (ATAC_CH0D0_PIO)
00000000_00009172h
Page 255
51300021h
R/W
Channel 0 Drive 0 DMA (ATAC_CH0D0_DMA)
00000000_00077771h
Page 256
51300022h
R/W
Channel 0 Drive 1 PIO (ATAC_CH0D1_PIO)
00000000_00009172h
Page 258
51300023h
R/W
Channel 0 Drive 1 DMA (ATAC_CH0D1_DMA)
00000000_00077771h
Page 258
51300024h
R/W
PCI Abort Error (ATAC_PCI_ABRTERR)
00000000_00000000h
Page 258



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com