Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 255 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 255 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 251Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 252Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 253Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 254Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 255Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 256Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 257Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 258Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 259Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 555 page
background image
Revision 0.8
255
www.national.com
ATAC Register Descriptions (Continued)
5.4.2.3
Channel 0 Drive 0 PIO (ATAC_CH0D0_PIO)
Note:
The reset value of this register is not a valid PIO mode.
ATAC_RESET Bit Descriptions
Bit
Name
Description
63:2
RSVD
Reserved. Set to 0. Return 0 on read.
1
ATAC_RESET
IDE Controller Reset. Reset the IDE Controller.
0: Normal state (operate).
1: Reset.
Write 0 to clear. This bit is level-sensitive and must be cleared after reset is performed.
0
IDE_RESET
IDE Reset. Reset the IDE bus.
0: Normal state (operate).
1: Reset.
Write 0 to clear. This bit is level-sensitive and must be cleared after reset is performed.
MSR Address
51300020h
Type
R/W
Reset Value
00000000_00009172h
ATAC_CH0D0_PIO Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
RSVD
PIOMODE
t2I
t3
t2W
t1
t2IC
t3C
t2WC
t1C
t2ID
t3D
t2WD
t1D
ATAC_CH0D0_PIO Bit Descriptions
Bit
Name
Description
63:32
RSVD
Reserved. Set to 0.
If MSR 50302021h[31] = 0, Format 0. Selects slowest PIOMODE per channel (by comparing bit [19:16] of MSR
50302020h and MSR 50302022h) for commands.
Format 0 settings for:
PIO Mode 0 = 0000F7F4h
PIO Mode 1 = 000153F3h
PIO Mode 2 = 000213F1h
PIO Mode 3 = 00035131h
PIO Mode 4 = 00041131h
31:20
RSVD
Reserved. Set to 0.
19:16
PIOMODE
PIO Mode.
0000: PIO Mode 0
0011: PIO Mode 3
0001: PIO Mode 1
0100: PIO Mode 4
0010: PIO Mode 2
All Other Values are Reserved
15:12
t2I
Recovery Time. Value + 1 cycle.
11:8
t3
IDE_IOW# Data Setup Time. Value + 1 cycle.
7:4
t2W
IDE_IOW# Width Minus t3. Value + 1 cycle.
3:0
t1
Address Setup Time. Value + 1 cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com