Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 267 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 267 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 263Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 264Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 265Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 266Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 267Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 268Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 269Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 270Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 271Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 555 page
background image
Revision 0.8
267
www.national.com
USB Register Descriptions (Continued)
43
CMD_ERR_FLAG
Command Error Flag. If high, records that an ERR was generated because a PCI
device asserted the embedded PCI bus Parity Error signal. (The PCI Adapter slave
interface generated a command error on a command received from the PCI device, or
when the 2 LSBs of the address received from the PCI device in the address phase are
non-zero.) Write 1 to clear the flag; writing 0 has no effect. CMD_ERR_EN (bit 11) must
be high to generate ERR and set flag.
42
SYS_ERR_FLAG
System Error Flag. If high, records that an ERR was generated because a PCI device
asserted the embedded PCI bus System Error signal. Write 1 to clear the flag; writing 0
has no effect. SYS_ERR_EN (bit 10) must be high to generate ERR and set flag.
41
PARIN_ERR_
FLAG
Parity Error In Error Flag. If high, records that an ERR was generated because a Par-
ity Error on a PCI device master to PCI Adapter target transaction occurred. Write 1 to
clear the flag; writing 0 has no effect. PARIN_ERR_EN (bit 9) must be high to generate
ERR and set flag.
40
PAROUT_ERR_
FLAG
Parity Error Out Error Flag. If high, records that an ERR was generated because a
Parity error on PCI Adapter master to PCI device target transaction occurred. Write 1 to
clear the flag; writing 0 has no effect. PAROUT_ERR_EN (bit 8) must be high to gener-
ate ERR and set flag.
39
TIMEOUT_ERR_
FLAG
Master Timeout Error Flag. If high, records that an ERR was generated because the
PCI Adapter completed a master bus cycle to the GeodeLink Adapter when the PCI
device failed to perform an expected retry after a disconnect. Write 1 to clear the flag;
writing 0 has no effect. TIMEOUT_ERR_EN (bit 7) must be high to generate ERR and
set flag.
38
PA_SVADRS_
ERR_FLAG
PCI Adapter Slave Interface Address Parity Error Flag. If high, records that an ERR
was generated because the PCI Adapter slave interface generated a parity error on the
address received from the PCI device in the address phase. Write 1 to clear the flag;
writing 0 has no effect. PA_SVADRS_ERR_EN (bit 6) must be high to generate ERR
and set flag.
37
PA_TABORT_
ERR_FLAG
PCI Adapter Target Abort Error Flag. If high, records that an ERR was generated
because the PCI Adapter, as a target, aborted the PCI bus cycle. The GeodeLink
Adapter and the PCI Adapter complete the GeodeLink Transaction. Write 1 to clear the
flag; writing 0 has no effect. PA_TABORT_ERR_EN (bit 5) must be high to generate
ERR and set flag.
36
PA_MABORT_
ERR_FLAG
PCI Adapter Master Abort Error. If high, records that an ERR was generated
because the PCI device did not respond as a target. The PCI Adapter aborted the PCI
bus cycle and indicated to the GeodeLink Adapter to abort the GeodeLink Adapter
transaction. The GeodeLink Adapter completes the GeodeLink transaction and sets the
EXCP bit in any response packet. Write 1 to clear the flag; writing 0 has no effect.
PA_MABORT_ERR_EN (bit 4) must be high to generate ERR and set flag.
35
EXCEP_ERR_
FLAG
Exception Bit Error Flag. If high, records that an ERR was generated because the
EXCEP bit was set in THE response packet associated with a device master request.
Write 1 to clear the flag; writing 0 has no effect. EXCEP_ERR_EN (bit 3) must be high
to generate ERR and set flag.
34:33
RSVD
Reserved. Writes don’t care. Reads return 0.
32
UNEXP_TYPE_
ERR_FLAG
Unexpected Type Error Flag. If high, records that an ERR was generated because an
unexpected type or other “bad” GeodeLink transaction. This error is fatal and there is
no system recovery. The device (GeodeLink Adapter) will hang. Write 1 to clear the
flag; writing 0 has no effect. UNEXP_TYPE_ERR_EN (bit 0) must be high to generate
ERR and set flag.
31:12
RSVD
Reserved. Writes don’t care. Reads return 0.
11
CMD_ERR_EN
Command Error Enable. Write 1 to enable CMD_ERR_FLAG (bit 43) and to allow the
event to generate an ERR.
USBC_GLD_MSR_ERROR Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com