| Electronic Components Datasheet Search |
|
CS5535-UDC Datasheet(PDF) 313 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CS5535-UDC Datasheet(HTML) 313 Page - National Semiconductor (TI) |
|
313 / 555 page ![]() Revision 0.8 313 www.national.com DIVIL Register Descriptions (Continued) 5.6.2.9 Local BAR - Flash Chip Select (DIVIL_LBAR_FLSH[x]) See Section 4.6.1 "LBARs and Comparators" on page 97 for operational details. The NAND Flash control registers take 16 bytes of I/O space. NOR Flash maps into some multiple of 4k bytes. There are two forms of this LBAR depending on the space, memory or I/O, Flash Device 0 is mapped into. Space is determined by bit 34 of the LBAR. Local BAR - Flash Chip Select 0 (DIVIL_LBAR_FLSH0) Uses FLASH_CS0# and FLASH_CE0#. Local BAR - Flash Chip Select 1 (DIVIL_LBAR_FLSH1) Uses FLASH_CS1# and FLASH_CE1#. Local BAR - Flash Chip Select 2 (DIVIL_LBAR_FLSH2) Uses FLASH_CS2# and FLASH_CE2#. Local BAR - Flash Chip Select 3 (DIVIL_LBAR_FLSH3) Uses FLASH_CS3# and FLASH_CE3#. 47:44 IO_MASK I/O Address Mask Value. See discussion in Section 4.6.1 "LBARs and Comparators" on page 97 43:33 RSVD Reserved. Reads return 0; writes have no effect. 32 LBAR_EN LBAR Enable. 0: Disable LBAR. 1: Enable LBAR. 31:17 RSVD Reserved. Reads return 0; writes have no effect. 16 RSVD Reserved. Always write 0. 15:7 BASE_ADDR Base Address in I/O Space. See discussion in Section 4.6.1 "LBARs and Compara- tors" on page 97 6:0 RSVD Reserved. Reads return 0; writes have no effect. DIVIL_LBAR_PMS Bit Descriptions (Continued) Bit Name Description MSR Address 51400010h Type R/W Reset Value 00000000_00000000h MSR Address 51400011h Type R/W Reset Value 00000000_00000000h MSR Address 51400012h Type R/W Reset Value 00000000_00000000h MSR Address 51400013h Type R/W Reset Value 00000000_00000000h DIVIL_LBAR_FLSH[x] Register Map 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 RSVD IO_MASK MEM_MASK RSVD 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 87654321 0 RSVD BASE_ADDR RSVD BASE_ADDR RSVD |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |