Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 329 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 329 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 325Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 326Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 327Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 328Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 329Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 330Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 331Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 332Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 333Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 555 page
background image
Revision 0.8
329
www.national.com
PIT Register Descriptions (Continued)
5.8.2.7
PIT Mode Control Word (PIT_MODECTL_WORD)
I/O Address
43h
Type
R/W
Reset Value
00h
PIT_MODECTL_WORD Register Map
76
54
32
10
CNTR_SEL
R/W_MODE
CNTR_MODE
BCD
PIT_MODECTL_WORD Bit Descriptions
Bit
Name
Description
7:6
CNTR_SEL
Counter Select.
00: Counter 0.
01: Counter 1.
10: Counter 2.
11: Read-back Command (Note 1).
Note 1. If bits [7:6] = 11: Register functions as Read Status Command
Bit 5 = Latch Count, Bit 4 = Latch Status, Bit 3 = Select Counter 2, Bit 2 = Select Counter 1, Bit 1 = Select Counter
0, and Bit 0 = Reserved.
5:4
RW_MODE
Current Read/Write Mode.
00: Counter latch command (Note 2).
01: R/W LSB only.
10: R/W MSB only.
11: R/W LSB, followed by MSB.
Note 2. If bits [5:4] = 00: Register functions as Counter Latch Command
Bits [7:6] = Selects Counter, and [3:0] = Don’t care.
3:1
CNTR_MODE
Current Counter Mode.
000: Interrupt on terminal count.
001: Programmable one-shot.
010, 110: Rate generator.
011, 111: Square wave generator.
100: Software triggered pulse generator.
101: Hardware triggered pulse generator.
0BCD
BCD Mode.
0: Binary.
1: BCD (binary coded decimal).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com