Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 385 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 385 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 381Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 382Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 383Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 384Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 385Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 386Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 387Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 388Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 389Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 555 page
background image
Revision 0.8
385
www.national.com
UART/IR Controller Register Descriptions (Continued)
.
Figure 5-2. DMA Control Signals Routing
5.12.5.3
Bank Select Register (BSR)
BSR is the same as the BSR register at I/O Offset 03h in Bank 0. See Section 5.12.3.4 "Link Control/Bank Select Regis-
ters" on page 373 for bit descriptions.
5.12.5.4
Extended Control Register 2 (EXCR2)
EXCR2 configures the RX_FIFO and TX_FIFO sizes and the value of the prescaler, and controls the baud divisor register
lock. Upon reset, all bits are set to 0.
Table 5-40. DMA Threshold Levels
Bit Value
DMA Threshold for FIFO Type
RX_FIFO
TX_FIFO
16 Levels
32 Levels
0
4
13
29
110
7
23
I/O Offset
03h
Type
R/W
Reset Value
00h
I/O Offset
04h
Type
R/W
Reset Value
00h
EXCR2 Register Map
76
54
32
10
LOCK
RSVD
PRESL[1:0]
RF_SIZ[1:0]
TF_SIZ[1:0]
EXCR2 Bit Descriptions
Bit
Name
Description
7
LOCK
Baud Divisor Register Lock. When set to 1, any access to the baud generator divisor
register through LBGD_L and LBGD_H, as well as fallback are disabled from non-
extended mode. In this case, two scratchpad registers overlaid with LBGD_L and
LBGD_H are enabled, and any attempted CPU access of the baud generator divisor reg-
ister through LBGD_L and LBGD_H access the scratchpad registers instead. This bit
must be set to 0 when extended mode is selected.
6
RSVD
Reserved. Write as 0.
Routing Logic
RX_DMA
RX-Channel
TX_DMA
DMA Handshake
Signals
DMASWP
DMA Swap Logic
Configuration Module
DMA Logic
TX-Channel
DMA Logic
Routing Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com