Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 494 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 494 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 490Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 491Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 492Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 493Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 494Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 495Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 496Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 497Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 498Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 494 / 555 page
background image
www.national.com
494
Revision 0.8
PMC Register Descriptions (Continued)
5.18.3.12 PM De-assert Reset Delay from Standby (PM_RD)
Reads always return the value written, except for RSVD bits [29:20].
30
WORK_AUX_
DEASSERT_EN
Working Auxiliary De-assert and Delay Enable. Must be high to de-assert the
WORK_AUX output and enable its delay specified in bits [19:0]
(WORK_AUX_DEASSERT_DELAY).
Use of this control implies a system sequence into the Standby State. The PMC dis-
ables its interfaces to non-Standby portions of the component and only considers
wakeup events from Standby circuits. The PMC also immediately asserts system reset
when SLP_CLK_EN# is asserted regardless of the value of
WORK_AUX_DEASSERT_DELAY (bits [19:0]). Reset remains asserted throughout
the Standby state.
There is NOT an assert delay. The wakeup event causes the WORK_AUX output to
assert. This event is called Standby wakeup.
On wakeup, Reset continues to be applied to all non-Standby circuits for the length of
time specified in RESET_DELAY (PMS I/O Offset 38h[19:0]).
Enabling this function and/or the function in PM_WKD (PMS I/O Offset 30h[30] = 1)
causes the same Standby state events. Standby state is not entered unless
SLP_CLK_EN# is asserted.
29:20
RSVD
Reserved. By convention write 0, but may write anything. Reads return 0.
19:0
WORK_AUX_
DEASSERT_
DELAY
WORK_AUX De-assert Delay. Indicates the number of 32 kHz clock edges to wait
from the assertion of SLP_CLK_EN# before de-asserting the WORK_AUX output. Bit
30 (WORK_AUX_DEASSERT_EN) must be high to enable this delay.
PMS I/O Offset
38h
Type
R/W
Reset Value
40000100h
PM_RD Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
RESET_DELAY
PM_RD Bit Descriptions
Bit
Name
Description
31
RESET_LOCK
Reset Lock. After this bit is set, the value in this register can not be changed until
RESET_STAND# is applied.
30
RESET_EN
Reset Delay Enable. Must be high for the RESET_OUT# output de-assert delay spec-
ified in bits [19:0] (RESET_DELAY) to be applied. (Default = 1.)
29:20
RSVD
Reserved. By convention write 0, but may write anything. Reads return 0.
PM_WKXD Bit Descriptions
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com