| Electronic Components Datasheet Search |
|
CS5535-UDC Datasheet(PDF) 130 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CS5535-UDC Datasheet(HTML) 130 Page - National Semiconductor (TI) |
|
130 / 555 page ![]() www.national.com 130 Revision 0.8 UART/IR Controller Functional Description (Continued) Timeout Conditions for UART, SIR, and Sharp-IR Modes RX_FIFO timeout conditions: • At least one byte is in the RX_FIFO. • More than four character times have elapsed since the last byte was loaded into the RX_FIFO from the receiver logic. • More than four character times have elapsed since the last byte was read from the RX_FIFO by the processor or DMA controller. Timeout Conditions for CEIR Mode The RX_FIFO timeout in CEIR mode is disabled while the receiver is active. The conditions for this timeout to occur are as follows: • At least one byte has been in the RX_FIFO for 64 µs or more. • The receiver has been inactive (RXACT = 0) for 64 µs or more. • More than 64 µs have elapsed since the last byte was read from the RX_FIFO by the processor or DMA controller. 4.11.1.6 Transmit Deferral This feature allows software to send short, high-speed data frames in PIO mode without the risk of generating a trans- mitter underrun. Transmit deferral is available only in extended mode and when the TX_FIFO is enabled. When transmit deferral is enabled (TX_DFR bit of the MCR register set to 1) and the transmitter becomes empty, an internal flag is set and locks the transmitter. If the processor now writes data into the TX_FIFO, the transmitter does not start sending the data until the TX_FIFO level reaches either 14 for a 16-level TX_FIFO or 30 for a 32-level TX_FIFO, at which time the internal flag is cleared. The internal flag is also cleared and the transmitter starts transmitting when a timeout condition is reached. This prevents some bytes from being in the TX_FIFO indefinitely if the threshold is not reached. The timeout mechanism is implemented by a timer that is enabled when the internal flag is set and there is at least one byte in the TX_FIFO. Whenever a byte is loaded into the TX_FIFO, the timer is reloaded with the initial value. If no byte is loaded for a 64 µs time, the timer times out and the internal flag is cleared, thus enabling the transmitter. 4.11.1.7 Automatic Fallback to 16550 Compatibility Mode This feature is designed to support existing legacy software packages, using the 16550 serial port. For proper opera- tion, many of these software packages require that the module look identical to a plain 16550, since they access the serial port registers directly. Because several extended features and new operational modes are provided, make sure the module is in the proper state before executing a legacy program. The fallback mechanism eliminates the need to change the state when a legacy program is executed following comple- tion of a program that used extended features. It automati- cally switches the module to 16550 compatibility mode and turns off any extended features whenever the Baud Gener- ator Divisor Register is accessed through the LBGD_L or LBGD_H ports in register Bank 1. In order to avoid spurious fallbacks, baud generator divisor ports are provided in Bank 2. Baud generator divisor access through these ports changes the baud rate setting but does not cause fallback. New programs designed to take advantage of the extended features should not use LBGD_L and LBGD_H to change the baud rate. Instead, they should use BGD_L and BGD_H. A fallback can occur in either extended or non-extended modes. If extended mode is selected, fallback is always enabled. In this case, when a fallback occurs, the following happens: • TX_FIFO and RX_FIFO switch to 16 levels. • A value of 13 is selected for the baud generator pre- scaler. • ETDLBK and BTEST of the EXCR1 register are cleared. • UART mode is selected. • The functional block switches to non-extended mode. When fallback occurs from non-extended mode, only the first three of the above actions occur. If either Sharp-IR or SIR infrared modes were selected, no switching to UART mode occurs. This prevents spurious switching to UART mode when a legacy program, running in Infrared mode, accesses the Baud Generator Divisor Register from Bank 1. Fallback from non-extended mode can be disabled by set- ting LOCK in the EXCR2 register to 1. When LOCK is set and the functional block is in non-extended mode, two scratch pad registers overlaid with LBGD_L and LBGD_H are enabled. Any attempted processor access of the Baud Generator Divisor Register through LBGD_L and LBGD_H accesses the scratch pad registers, without affecting the baud rate setting. This feature allows existing legacy pro- grams to run faster than 115.2 kbaud, without realizing they are running at this speed. 4.11.2 Modem Support An MSR (MSR_UART[x]_MOD) (UART1 MSR 51400038h and UART2 MSR 5140003Ch) mimics modem input sig- nals for making it compatible with the software having modem support. The hardware of this module has all the required functionality for modem compatibility. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |