Electronic Components Datasheet Search
  English  ▼

X  

ST7L15 Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST7L15
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7L15 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST7L15 Datasheet HTML 100Page - STMicroelectronics ST7L15 Datasheet HTML 101Page - STMicroelectronics ST7L15 Datasheet HTML 102Page - STMicroelectronics ST7L15 Datasheet HTML 103Page - STMicroelectronics ST7L15 Datasheet HTML 104Page - STMicroelectronics ST7L15 Datasheet HTML 105Page - STMicroelectronics ST7L15 Datasheet HTML 106Page - STMicroelectronics ST7L15 Datasheet HTML 107Page - STMicroelectronics ST7L15 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 138 page
background image
ST7L15, ST7L19
104/138
OPERATING CONDITIONS (cont’d)
Figure 65. PLLx4 Output vs CLKIN Frequency
Note: fOSC = fCLKIN/2*PLL4
Figure 66. PLLx8 Output vs CLKIN Frequency
Note: fOSC = fCLKIN/2*PLL8
1.00
2.00
3.00
4.00
5.00
6.00
7.00
11.5
2
2.5
3
External Input Clock Frequency (MHz)
3.3
3
2.7
1.00
3.00
5.00
7.00
9.00
11.00
0.85
0.9
1
1.5
2
2.5
External Input Clock Frequency (MHz)
5.5
5
4.5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com