Electronic Components Datasheet Search
  English  ▼

X  

ST7L15 Datasheet(PDF) 114 Page - STMicroelectronics

Part # ST7L15
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7L15 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button ST7L15 Datasheet HTML 110Page - STMicroelectronics ST7L15 Datasheet HTML 111Page - STMicroelectronics ST7L15 Datasheet HTML 112Page - STMicroelectronics ST7L15 Datasheet HTML 113Page - STMicroelectronics ST7L15 Datasheet HTML 114Page - STMicroelectronics ST7L15 Datasheet HTML 115Page - STMicroelectronics ST7L15 Datasheet HTML 116Page - STMicroelectronics ST7L15 Datasheet HTML 117Page - STMicroelectronics ST7L15 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 138 page
background image
ST7L15, ST7L19
114/138
I/O PORT PIN CHARACTERISTICS (cont’d)
13.8.2 Output Driving Current
Subject to general operating conditions for VDD, fCPU and TA (-40 to +125°C), unless otherwise specified.
Notes:
1. The IIO current sunk must always respect the absolute maximum rating specified in section 13.2.2 on page 99 and the
sum of IIO (I/O ports and control pins) must not exceed IVSS.
2. The IIO current sourced must always respect the absolute maximum rating specified in section 13.2.2 on page 99 and
the sum of IIO (I/O ports and control pins) must not exceed IVDD.
3. Not tested in production, based on characterization results.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOL
1)
Output low level voltage for a standard I/O
pin when eight pins are sunk at same time
(see Figure 77)
VDD =5V
IIO =+5mA
1.0
V
IIO =+2mA
0.4
Output low level voltage for a high sink I/O
pin when four pins are sunk at same time
(see Figure 80)
IIO = +20mA
1.3
IIO =+8mA
0.75
VOH
2)
Output high level voltage for an I/O pin
when four pins are sourced at same time
(see Figure 86)
IIO =-5mA
VDD -1.5
IIO =-2mA
VDD -0.8
VOL
1)3)
Output low level voltage for a standard I/O
pin when eight pins are sunk at same time
(see Figure 76)
VDD =3.3V
IIO =+2mA,
TA ≤ +85°C
0.5
Output low level voltage for a high sink I/O
pin when four pins are sunk at same time
IIO = +8mA,
TA ≤ +85°C
VOH
2)3)
Output high level voltage for an I/O pin
when four pins are sourced at same time
(Figure 85)
IIO =-2mA,
TA ≤ +85°C
VDD -0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com