Electronic Components Datasheet Search
  English  ▼

X  

LM741CMX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # LM741CMX
Description  Single Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM741CMX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  LM741CMX Datasheet HTML 1Page - Fairchild Semiconductor LM741CMX Datasheet HTML 2Page - Fairchild Semiconductor LM741CMX Datasheet HTML 3Page - Fairchild Semiconductor LM741CMX Datasheet HTML 4Page - Fairchild Semiconductor LM741CMX Datasheet HTML 5Page - Fairchild Semiconductor LM741CMX Datasheet HTML 6Page - Fairchild Semiconductor LM741CMX Datasheet HTML 7Page - Fairchild Semiconductor LM741CMX Datasheet HTML 8Page - Fairchild Semiconductor LM741CMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.fairchildsemi.com
LM741 Rev. 2.0.0
Schematic Diagram
Absolute Maximum Ratings
The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The
device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables
are not guaranteed at the absolute maximum ratings. TA=25°C, unless otherwise specified.
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
±18
V
VI(DIFF)
Differential Input Voltage
30
V
VI
Input Voltage
±15
V
-
Output Short Circuit Duration
Indefinite
-
PD
Power Dissipation
500
mW
TOPR
Operating Temperature Range
0 ~ +70
°C
TSTG
Storage Temperature Range
-65 ~ +150
°C
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
Q13
Q14
Q15
Q16
Q17
Q18
Q19
Q20
Q21
Q22
Q24
Q23
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
C1
VCC
OUTPUT
VEE
IN (+)
IN (-)
OFFSET
NULL


Similar Part No. - LM741CMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM741CM NSC-LM741CM Datasheet
213Kb / 8P
Operational Amplifier
May 1998
logo
Fairchild Semiconductor
LM741CM FAIRCHILD-LM741CM Datasheet
114Kb / 10P
Single Operational Amplifier
More results

Similar Description - LM741CMX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM101A-LM201A STMICROELECTRONICS-LM101A-LM201A Datasheet
165Kb / 11P
SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75061P TOSHIBA-TA75061P Datasheet
255Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
TA7540P TOSHIBA-TA7540P Datasheet
232Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
TA75S01F TOSHIBA-TA75S01F Datasheet
208Kb / 5P
SINGLE OPERATIONAL AMPLIFIER
TC75S51F TOSHIBA-TC75S51F Datasheet
260Kb / 8P
SINGLE OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCM2100 UTC-UTCM2100 Datasheet
429Kb / 4P
SINGLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA741 FAIRCHILD-KA741 Datasheet
116Kb / 12P
Single Operational Amplifier
KA301A FAIRCHILD-KA301A Datasheet
57Kb / 6P
Single Operational Amplifier
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F_07 Datasheet
251Kb / 6P
Single Operational Amplifier
TC75S54F TOSHIBA-TC75S54F_07 Datasheet
231Kb / 11P
Single Operational Amplifier
logo
Fairchild Semiconductor
LM741E FAIRCHILD-LM741E Datasheet
921Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com