Electronic Components Datasheet Search
  English  ▼

X  

ES9842QPRO Datasheet(PDF) 119 Page - ESS Technology,Inc

Part # ES9842QPRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842QPRO Datasheet(HTML) 119 Page - ESS Technology,Inc

Back Button ES9842QPRO Datasheet HTML 115Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 116Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 117Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 118Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 119Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 120Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 121Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 122Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 123Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 167 page
background image
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
ES9842 PRO Product Datasheet
119
ADC CH1 Registers
Register 101: ADC CH1 DATAPATH CONTROL
Bits
[7]
[6]
[5:3]
[2]
[1]
[0]
Default
1'b0
1'b0
3'b000
1'b0
1'b0
1'b0
Bits
Mnemonic
Description
[7]
ADC1_BYPASS_FIR2X
• 1'b0: Non-bypass (default)
• 1'b1: Bypass DFIR_2x
[6]
ADC1_BYPASS_FIR4X
• 1'b0: Non-bypass (default)
• 1'b1: Bypass DFIR_4x
[5:3]
RESERVED
NA
[2]
ADC1_ENABLE_DC_BLOCKING
Enables DC blocking path.
• 1'b0: Disabled (default)
• 1'b1: Enabled
[1]
RESERVED
NA
[0]
ADC1_NEG_SEL
Inverts data input from analog ADC.
• 1'b0: No inversion (default)
• 1'b1: Inverts input data
Register 102: ADC CH1 THD COMP CONFIG
Bits
[7:2]
[1]
[0]
Default
6'd0
1'b0
1'b0
Bits
Mnemonic
Description
[7:2]
ADC1_CORRECTION_ADDR
Selects the address when writing the THD compensation RAM.
[1]
ADC1_CORRECTION_WE
Enables writing to the THD compensation RAM.
• 1'b0: Writing disabled (default)
• 1'b1: Writing enabled
[0]
ADC1_ENABLE_THD_COMP
Enables the THD compensation on ADC CH1.
• 1'b0: Disabled and bypassed (default)
• 1'b1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com