Electronic Components Datasheet Search
  English  ▼

X  

CAT4137 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT4137
Description  CMOS Boost Converter - White LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4137 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT4137 Datasheet HTML 4Page - Catalyst Semiconductor CAT4137 Datasheet HTML 5Page - Catalyst Semiconductor CAT4137 Datasheet HTML 6Page - Catalyst Semiconductor CAT4137 Datasheet HTML 7Page - Catalyst Semiconductor CAT4137 Datasheet HTML 8Page - Catalyst Semiconductor CAT4137 Datasheet HTML 9Page - Catalyst Semiconductor CAT4137 Datasheet HTML 10Page - Catalyst Semiconductor CAT4137 Datasheet HTML 11Page - Catalyst Semiconductor CAT4137 Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CAT4137
Doc. No. MD-5012 Rev. B
8
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
DEVICE OPERATION
The CAT4137 is a fixed frequency (1MHz), low
noise, inductive boost converter providing constant
current to the load. A high voltage internal CMOS
power switch is used to energize the external
inductor. When the power switch is then turned off,
the stored energy inductor is released into the load
via the external Schottky diode.
The on/off duty cycle of the power switch is internally
adjusted and controlled to maintain a constant
regulated voltage of 0.3V across the external
feedback resistor connected to the feedback pin
(FB). The value of external resistor will accurately set
the LED bias current accordingly (0.3V/R1).
During the initial power-up stage, the duty cycle of
the internal power switch is limited to prevent
excessive in-rush currents and thereby provide a
“soft-start” mode of operation.
While in normal operation, the device will comfortably
deliver up to 30mA of bias current into a string of up to
5 white LEDs.
In the event of a “Open-Led” fault condition, where
the feedback control loop becomes open, the output
voltage will continue to increase. Once this voltage
exceeds 24V, an internal protection circuit will
become active and place the device into a very low
power safe operating mode. In addition, an internal
clamping circuit will limit the peak output voltage to
29V. If this fault condition is repaired, the device will
automatically resume normal operation.
Thermal overload protection circuitry has been
included to prevent the device from operating at
unsafe junction temperatures above 150ºC.
In the
event of a thermal overload condition the device will
automatically shutdown and wait till the junction
temperatures cools to 130ºC before normal operation
is resumed.
BLOCK DIAGRAM
VREF
Enable
VIN
VIN
VOUT
Current
Sense
300mV
ILED
C1
RS
SHDN
Thermal
Shutdown
& UVLO
1MHz
Oscillator
Over Voltage
Protection
PWM
&
Logic
Driver
C2
GND
FB
SW
+
A1
N1
A2
RC
CC
R1
15Ω


Similar Part No. - CAT4137

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4137 CATALYST-CAT4137 Datasheet
867Kb / 28P
   Catalyst Semiconductor
logo
ON Semiconductor
CAT4137 ONSEMI-CAT4137 Datasheet
179Kb / 16P
   CMOS Boost Converter - White LED Driver
February, 2010 ??Rev. 2
CAT4137 ONSEMI-CAT4137 Datasheet
170Kb / 15P
   CMOS Boost Converter - White LED Driver
November, 2011 ??Rev. 3
CAT4137TD-GT3 ONSEMI-CAT4137TD-GT3 Datasheet
251Kb / 16P
   CMOS Boost Converter - White LED Driver
Doc. No. MD-5012 Rev. C
CAT4137TD-GT3 ONSEMI-CAT4137TD-GT3 Datasheet
179Kb / 16P
   CMOS Boost Converter - White LED Driver
February, 2010 ??Rev. 2
More results

Similar Description - CAT4137

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT37 ONSEMI-CAT37 Datasheet
149Kb / 11P
   CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
187Kb / 13P
   CMOS White LED Driver Boost Converter
Doc. No. MD-5005 Rev. V
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
251Kb / 16P
   CMOS Boost Converter - White LED Driver
Doc. No. MD-5012 Rev. C
CAT4137 ONSEMI-CAT4137_11 Datasheet
170Kb / 15P
   CMOS Boost Converter - White LED Driver
November, 2011 ??Rev. 3
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37_05 Datasheet
557Kb / 12P
   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT4137 ONSEMI-CAT4137 Datasheet
179Kb / 16P
   CMOS Boost Converter - White LED Driver
February, 2010 ??Rev. 2
logo
Texas Instruments
CAT37 TI-CAT37_08 Datasheet
248Kb / 13P
[Old version datasheet]   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237 Datasheet
279Kb / 13P
   High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237 Datasheet
533Kb / 13P
   High Voltage CMOS Boost White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com