Electronic Components Datasheet Search
  English  ▼

X  

SIM800 Datasheet(PDF) 107 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 107 Page - SIMCom

Back Button SIM800 Datasheet HTML 103Page - SIMCom SIM800 Datasheet HTML 104Page - SIMCom SIM800 Datasheet HTML 105Page - SIMCom SIM800 Datasheet HTML 106Page - SIMCom SIM800 Datasheet HTML 107Page - SIMCom SIM800 Datasheet HTML 108Page - SIMCom SIM800 Datasheet HTML 109Page - SIMCom SIM800 Datasheet HTML 110Page - SIMCom SIM800 Datasheet HTML 111Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
107
2015-08-03
per unit; dot is used as a decimal separator(e.g. "2.66")
<passwd>
String type (string should be included in quotation marks);
SIM PIN2
Parameter Saving
Mode
NO_SAVE
Max Response
Time
5s
Reference
3GPP TS 27.007
[13]
Note
3.2.51 AT+CCWE
Call Meter Maximum Event
AT+CCWE
Call Meter Maximum Event
Response
+CCWE: (list of supported <mode>s)
OK
If error is related to ME functionality:
+CME ERROR: <err>
Test Command
AT+CCWE=?
Parameters
See Write Command
Response
+CCWE: <mode>
OK
If error is related to ME functionality:
+CME ERROR: <err>
Read Command
AT+CCWE?
Parameters
See Write Command
Response
OK
If error is related to ME functionality:
+CME ERROR: <err>
Parameters
<mode>
0 Disable call meter warning event
1 Enable call meter warning event
Write Command
AT+CCWE=<m
ode>
Unsolicited result codes supported:
+CCWV
Shortly before the ACM (Accumulated Call Meter)
maximum value is reached, an unsolicited result code +CCWV will be
sent, if enabled by this command. The warning is issued approximately
when 5 seconds call time remains. It is also issued when starting a call if
less than 5 s call time remains.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com