Electronic Components Datasheet Search
  English  ▼

X  

SIM800 Datasheet(PDF) 123 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 123 Page - SIMCom

Back Button SIM800 Datasheet HTML 119Page - SIMCom SIM800 Datasheet HTML 120Page - SIMCom SIM800 Datasheet HTML 121Page - SIMCom SIM800 Datasheet HTML 122Page - SIMCom SIM800 Datasheet HTML 123Page - SIMCom SIM800 Datasheet HTML 124Page - SIMCom SIM800 Datasheet HTML 125Page - SIMCom SIM800 Datasheet HTML 126Page - SIMCom SIM800 Datasheet HTML 127Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
123
2015-08-03
Max
Response
Time
5s
Reference
3GPP TS 27.005
Note
4.2.7 AT+CMSS
Send SMS Message from Storage
AT+CMSS
Send SMS Message from Storage
Test Command
AT+CMSS=?
Response
OK
Response
TA sends message with location value <index> from message storage
<mem2> to the network (SMS-SUBMIT). If new recipient address <da> is
given, it shall be used instead of the one stored with the message. Reference
value <mr> is returned to the TE on successful message delivery. Values can
be used to identify message upon unsolicited delivery status report result
code.
1) If text mode(+CMGF=1) and sending successful:
+CMSS: <mr>
OK
2) If PDU mode(+CMGF=0) and sending successful:
+CMSS: <mr>
OK
3)If error is related to ME functionality:
+CMS ERROR: <err>
Write Command
AT+CMSS=<ind
ex>[,<da>,<toda
>]
Parameters
<index>
Integer type; value in the range of location numbers supported
by the associated memory
<da>
GSM 03.40 TP-Destination-Address Address-Value field in
string format(string should be included in quotation marks); BCD numbers
(or GSM default alphabet characters) are converted to characters of the
currently selected TE character set (specified by +CSCS in 3GPP TS
27.007); type of address given by <toda>
<toda>
GSM 04.11 TP-Destination-Address Type-of-Address octet
in integer format (when first character of <da> is + (IRA 43) default is 145,
otherwise default is 129)
<mr>
GSM 03.40 TP-Message-Reference in integer format
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
60s
Reference
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com