Electronic Components Datasheet Search
  English  ▼

X  

AT43USB355 Datasheet(PDF) 104 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 104 Page - ATMEL Corporation

Back Button AT43USB355_06 Datasheet HTML 100Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 101Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 102Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 103Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 104Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 105Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 106Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 107Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 108Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 115 page
background image
104
AT43USB355
2603G–USB–04/06
Note:
VCEXT is the voltage of CEXT1, CEXT2, CEXT3 and CEXTA.
Note:
XTAL2 must not be used to drive other circuitry.
AC Characteristics
Table 33. PA, PB, PD, PF
Symbol
Parameter
Condition
Min
Max
Unit
V
OL2
Output Low Level, PA, PB,
PD, PF[1:3]
IOL = 2 mA
0.5
V
V
OH2
Output High Level
IOH = 2mA
VCEXT - 0.4
V
VIL2
Input Low Level
-0.3
0.3 VCEXT
V
VIH2
Input High Level
0.7 VCEXT
VCEXT + 0.3
V
RPU
PC Pull-up resistor current
V = 0
90
280
µA
C
Input/Output capacitance
1 MHz
10
pF
Table 34. Oscillator Signals: XTAL1, XTAL2
Symbol
Parameter
Condition
Min
Max
Unit
VLH
OSC1 switching level
0.47
1.20
V
V
HL
OSC1 switching level
0.67
1.44
V
CX1
Input capacitance, XTAL1
10
pF
CX2
Output capacitance, XTAL2
10
pF
C12
OSC1/2 capacitance
5
pF
tSU
Start-up time
6 MHz, fundamental
2
ms
DL
Drive level
50
µW
Table 35. SEEPROM SPI Timing
Symbol
Parameter
Condition
Min
Max
Unit
f
SCK
SCK Clock Frequency 50% duty cycle
333
333
ns
tRO, tFO
Output Rise Time, Fall Time
10
10
ns
-5
5
ns
t
CSS
SSN Setup Time
0
20
ns
tCSH
SSN Hold Time
0
20
ns
t
SU
Data IN Setup Time
10
ns
t
H
Data In Hold Time
2
ns
tHO
Output Hold Time
0
ns
t
V
Output Valid
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com