Electronic Components Datasheet Search
  English  ▼

X  

CA3141 Datasheet(PDF) 3 Page - Harris Corporation

Part # CA3141
Description  High-Voltage Diode Array For Commercial, Industrial and Military Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3141 Datasheet(HTML) 3 Page - Harris Corporation

  CA3141 Datasheet HTML 1Page - Harris Corporation CA3141 Datasheet HTML 2Page - Harris Corporation CA3141 Datasheet HTML 3Page - Harris Corporation CA3141 Datasheet HTML 4Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
FIGURE 3. 3. DIODE OFFSET VOLTAGE vs MAGNITUDE OF
ANODE CURRENT
FIGURE 4. DIODE CAPACITANCE vs CATHODE-TO-ANODE
REVERSE VOLTAGE
FIGURE 5. DIODE ANODE-TO-SUBSTRATE CAPACITANCE vs
REVERSE VOLTAGE
FIGURE 6. DIODE CATHODE-TO-SUBSTRATE CAPACITANCE vs
CATHODE-TO-SUBSTRATE DC REVERSE VOLTAGE
FIGURE 7. FORWARD (CATHODE) CURRENT vs FORWARD
(ANODE) CURRENT
FIGURE 8. DC LEAKAGE CURRENT vs TEMPERATURE
Typical Performance Curves (Continued)
MAGNITUDE OF ANODE CURRENT (
µA)
0
110
102
103
104
105
0.5
1
1.5
2
2.5
3
TA = 25
oC
|VF1 - VF2| , |VF3 - VF4| , |VF5 - VF6|
|VF7 - VF8| , |VF9 - VF10|
CATHODE-TO-ANODE DC REVERSE VOLTAGE (V)
0
0
0.2
0.4
0.6
0.8
1
1.2
510
15
20
TA = 25
oC
D5, D9
D7, D8
D1, D6
D3, D10
D2
D4
TA = 25
oC
ANODE (TERMINALS 2, 8, 11, 16)
ANODE (TERMINAL 1)
ANODE (TERMINAL 15)
ANODE (TERMINALS 4, 5)
1.6
1.5
1.4
1.3
1.2
1.1
1
0.9
0.8
0.7
0.6
0.5
ANODE-TO-SUBSTRATE DC REVERSE VOLTAGE (V)
0
1
2345
6
7
8
9
10
TA = 25
oC
CATHODE (TERMINALS 3, 6, 14)
CATHODE-TO-SUBSTRATE DC REVERSE VOLTAGE (V)
CATHODE (TERMINALS 7, 10, 12, 13)
12
10
8
6
4
2
0
0
5
10
15
20
TA = 25
oC
VDI = 10V
FORWARD (ANODE) CURRENT (mA)
10
1
0.1
0.01
0.01
0.1
1
10
TEMPERATURE (oC)
DIODE-TO-SUBSTRATE
LEAKAGE CURRENT
DIODE REVERSE
(LEAKAGE) CURRENT
105
104
103
102
10
1
0.1
-100
-50
0
50
100
150
CA3141


Similar Part No. - CA3141

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
CA3141E INTERSIL-CA3141E Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
More results

Similar Description - CA3141

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
logo
Harris Corporation
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Intersil Corporation
CA741 INTERSIL-CA741_01 Datasheet
144Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
CA741 INTERSIL-CA741 Datasheet
72Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com