Electronic Components Datasheet Search
  English  ▼

X  

TM1628A Datasheet(PDF) 7 Page - Shenzhen Tianwei Electronics Co., Ltd

Part # TM1628A
Description  LED drive control dedicated circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITANMEC [Shenzhen Tianwei Electronics Co., Ltd]
Direct Link  http://www.titanmec.com/
Logo TITANMEC - Shenzhen Tianwei Electronics Co., Ltd

TM1628A Datasheet(HTML) 7 Page - Shenzhen Tianwei Electronics Co., Ltd

Back Button TM1628A Datasheet HTML 3Page - Shenzhen Tianwei Electronics Co., Ltd TM1628A Datasheet HTML 4Page - Shenzhen Tianwei Electronics Co., Ltd TM1628A Datasheet HTML 5Page - Shenzhen Tianwei Electronics Co., Ltd TM1628A Datasheet HTML 6Page - Shenzhen Tianwei Electronics Co., Ltd TM1628A Datasheet HTML 7Page - Shenzhen Tianwei Electronics Co., Ltd TM1628A Datasheet HTML 8Page - Shenzhen Tianwei Electronics Co., Ltd TM1628A Datasheet HTML 9Page - Shenzhen Tianwei Electronics Co., Ltd TM1628A Datasheet HTML 10Page - Shenzhen Tianwei Electronics Co., Ltd TM1628A Datasheet HTML 11Page - Shenzhen Tianwei Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LED 驱动控制专用电路
TM1628A
©Titan Micro Electronics
www.titanmec.com
- 7 -
V1.1
B0
B1
B2
B3
B4
B5
B6
B7
K1
K2
X
K1
K2
X
X
X
KS1
KS2
0
0
BYTE1
KS3
KS4
0
0
BYTE2
KS5
KS6
0
0
BYTE3
KS7
KS8
0
0
BYTE4
KS9
KS10
0
0
BYTE5
图(4)
▲注意:1、TM1628A最多可以读5个字节,不允许多读。
2、读数据字节只能按顺序从BYTE1-BYTE5读取,不可跨字节读。例如:硬件上的K2与KS10对应按键
按下时,此时想要读到此按键数据,必须需要读到第5个字节的第5BIT位,才可读出数据。
九、按键:
(1)按键扫描:键扫描由TM1628A自动完成,不受用户控制,用户只需要按照时序读按键值。完成一次键扫
需要2个显示周期,一个显示周期大概需要T=4ms,在8ms内先后按下了2个不同的按键,2次读到的键值都是先按下
的那个按键的键值。
7位10段模式下,IC在上电后芯片内部扫描SEG1/KS1-SEG10/KS10的波形如图(10)
SEG1/KS1
SEG2/KS2
SEG3/KS3
SEG9/KS9
SEG10/KS10
SEG8/KS8
66us
528us
4ms
4ms
图(10)
如图(10)可知,芯片内部按键扫描原理如下:芯片从SEG1/KS1开始逐渐扫描到SEG10/KS10结束,并且
SEG1/KS1-SEG8/KS8在一个周期内完成,SEG9/KS9-SEG10/KS10在下一个周期内完成。在发送读按键指令时,如果
SEG1/KS1-SEG10/KS10 端的按键扫描高电平通过按键引入K1/K2/K3引脚中,芯片内部会识别该高电平并且在读5
个字节的按键数据时,相应的BIT位会被置高。
▲注意: 显示周期和IC工作的振荡频率有关,振荡频率不完全一致,以上数据仅供参考,以实际测量为
准。


Similar Part No. - TM1628A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Titan Micro El...
TM1628 TITAN-TM1628 Datasheet
418Kb / 14P
   CMOS Technology
More results

Similar Description - TM1628A

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
FM1637 FUMAN-FM1637 Datasheet
436Kb / 12P
   LED drive control dedicated circuit
TC1628S FUMAN-TC1628S Datasheet
343Kb / 9P
   LED drive control dedicated circuit
TC6269 FUMAN-TC6269 Datasheet
686Kb / 11P
   LED drive control dedicated circuit
logo
Shenzhen Titan Micro El...
TM1668 TITAN-TM1668 Datasheet
843Kb / 20P
   LED drive control dedicated circuit
logo
SHENZHEN FUMAN ELECTRON...
SC1618 FUMAN-SC1618 Datasheet
327Kb / 7P
   LED drive control dedicated circuit
TC1668S FUMAN-TC1668S Datasheet
270Kb / 6P
   LED drive control dedicated circuit
logo
Shenzhen Tianyuan Semic...
TP3109A TPOWER-TP3109A Datasheet
715Kb / 10P
   9-channel LED drive control dedicated circuit
TP3112A TPOWER-TP3112A Datasheet
1Mb / 10P
   12-channel LED drive control dedicated circuit
logo
Wuxi ETEK Micro-Electro...
ET6202 ETEK-ET6202 Datasheet
713Kb / 14P
   Control LED drive circuit
Rev 1.1 2004-6-4
logo
List of Unclassifed Man...
CS1694 ETC1-CS1694 Datasheet
234Kb / 10P
   Dynamic LED control/drive circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com