Electronic Components Datasheet Search
  English  ▼

X  

M700000003 Datasheet(PDF) 124 Page - SPANSION

Part # M700000003
Description  2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M700000003 Datasheet(HTML) 124 Page - SPANSION

Back Button M700000003 Datasheet HTML 120Page - SPANSION M700000003 Datasheet HTML 121Page - SPANSION M700000003 Datasheet HTML 122Page - SPANSION M700000003 Datasheet HTML 123Page - SPANSION M700000003 Datasheet HTML 124Page - SPANSION M700000003 Datasheet HTML 125Page - SPANSION M700000003 Datasheet HTML 126Page - SPANSION M700000003 Datasheet HTML 127Page - SPANSION M700000003 Datasheet HTML 128Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 124 / 128 page
background image
122
Am70PDL127BDH/Am70PDL129BDH
November 25, 2003
AD VAN C E
INFORM ATION
PACKAGE PIN CAPACITANCE
Notes:
1.
Sampled, not 100% tested.
2. Test conditions T
A = 25°C, f = 1.0 MHz.
Parameter
Symbol
Parameter Description
Test Setup
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
1126pF
C
OUT
Output Capacitance
V
OUT = 0
1228pF
C
IN2
Control Pin Capacitance
V
IN = 0
1428pF
C
IN3
WP#/ACC Pin Capacitance
V
IN = 0
1720pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com