Electronic Components Datasheet Search
  English  ▼

X  

M750000007 Datasheet(PDF) 121 Page - SPANSION

Part # M750000007
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M750000007 Datasheet(HTML) 121 Page - SPANSION

Back Button M750000007 Datasheet HTML 117Page - SPANSION M750000007 Datasheet HTML 118Page - SPANSION M750000007 Datasheet HTML 119Page - SPANSION M750000007 Datasheet HTML 120Page - SPANSION M750000007 Datasheet HTML 121Page - SPANSION M750000007 Datasheet HTML 122Page - SPANSION M750000007 Datasheet HTML 123Page - SPANSION M750000007 Datasheet HTML 124Page - SPANSION M750000007 Datasheet HTML 125Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 129 page
background image
February 6, 2004
Am75PDL191BHHa/Am75PDL193BHHa
119
ADV ANCE
I N FO RMAT I O N
PSRAM AC CHARACTERISTICS
Functional Description
Note: “X” means don’t care. (Must be low or high state).
Absolute Maximum Ratings
Note: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
Functional operation should be restricted to be used under recommended operating condition. Exposure to absolute maximum
rating conditions longer than 1 second may affect reliability.
CS#1s
CS2s
OE#
WE#
LB#
UB#
I/O
1-8
I/O
9-16
Mode
Power
H
H
X
X
X
X
High-Z
High-Z
Deselected
Standby
X
L
X
X
X
X
High-Z
High-Z
Deselected
Deep Power Down
L
H
X
X
H
H
High-Z
High-Z
Deselected
Standby
L
H
H
H
L
X
High-Z
High-Z
Output Disabled
Active
L
H
H
H
X
L
High-Z
High-Z
Output Disabled
Active
LH
L
H
L
H
D
OUT
High-Z
Lower Byte Read
Active
L
H
L
H
H
L
High-Z
D
OUT
Upper Byte Read
Active
LH
L
H
L
L
D
OUT
D
OUT
Word Read
Active
LH
X
L
L
H
D
IN
High-Z
Lower Byte Write
Active
L
H
X
LLL
D
IN
D
IN
Word Write
Active
Item
Symbol
Ratings
Unit
Voltage on any pin relative to V
SS
V
IN, VOUT
-0.2 to V
CC + 0.3V
V
Voltage on V
CC supply relative to VSS
V
CC
-0.2 to 3.6 V
V
Power Dissipation
P
D
1.0
W
Storage Temperature
T
STG
-65 to 150
°C
Operating Temperature
T
A
-40 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com