Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 253 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  435 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 253 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 249Page - ATMEL Corporation AT90USB646 Datasheet HTML 250Page - ATMEL Corporation AT90USB646 Datasheet HTML 251Page - ATMEL Corporation AT90USB646 Datasheet HTML 252Page - ATMEL Corporation AT90USB646 Datasheet HTML 253Page - ATMEL Corporation AT90USB646 Datasheet HTML 254Page - ATMEL Corporation AT90USB646 Datasheet HTML 255Page - ATMEL Corporation AT90USB646 Datasheet HTML 256Page - ATMEL Corporation AT90USB646 Datasheet HTML 257Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 435 page
background image
253
7593D–AVR–07/06
AT90USB64/128
21.4
General Operating Modes
21.4.1
Introduction
After a hardware reset, the USB controller is disabled. When enabled, the USB controller has to
run the Device Controller or the Host Controller. This is performed using the ID detection.
• If the ID pin is not connected to ground, the ID bit is set by hardware (internal pull up on the
UID pad) and the USB Device controller is selected.
• The ID bit is cleared by hardware when a low level has been detected on the ID pin. The
Device controller is then disabled and the Host controller enabled.
The software anyway has to select the mode (Host, Device) in order to access to the Device
controller registers or to the Host controller registers, which are multiplexed. For example, even
if the USB controller has detected a Device mode (pin ID high), the software shall select the
device mode (bit HOST cleared), otherwise it will access to the host registers. This is also true
for the Host mode.
21.4.2
Power-on and reset
The next diagram explains the USB controller main states on power-on:
Figure 21-9. USB controller states after reset
USB Controller state after an hardware reset is ‘Reset’. In this state:
• USBE is not set
• the macro clock is stopped in order to minimize the power consumption (FRZCLK=1),
• the macro is disabled,
• the pad is in the suspend mode,
• the Host and Device USB controllers internal states are reset.
• The DPACC bit and the DPADD10:0 field can be set by software. The DPRAM is not cleared.
• The SPDCONF bits can be set by software.
After setting USBE, the USB Controller enters in the Host or in the Device state (according to the
IP pin). The selected controller is ‘Idle’.
The USB Controller can at any time be ‘stopped’ by clearing USBE. In fact, clearing USBE acts
as an hardware reset.
Dev ice
Reset
USBE=0
<anyother
state>
USBE=1
ID=1
Clockstopped
FRZCLK=1
Macrooff
USBE=0
USBE=0
Host
USBE=0
HW
RESET
USBE=1
ID=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com