Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 278 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  435 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 278 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 274Page - ATMEL Corporation AT90USB646 Datasheet HTML 275Page - ATMEL Corporation AT90USB646 Datasheet HTML 276Page - ATMEL Corporation AT90USB646 Datasheet HTML 277Page - ATMEL Corporation AT90USB646 Datasheet HTML 278Page - ATMEL Corporation AT90USB646 Datasheet HTML 279Page - ATMEL Corporation AT90USB646 Datasheet HTML 280Page - ATMEL Corporation AT90USB646 Datasheet HTML 281Page - ATMEL Corporation AT90USB646 Datasheet HTML 282Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 435 page
background image
278
7593D–AVR–07/06
AT90USB64/128
• after “N” write into UEDATX
• as soon as RWAL is cleared by hardware.
If the endpoint uses 2 banks, the second one can be read by the HOST while the current is
being written by the CPU. Then, when the CPU clears FIFOCON, the next bank may be already
ready (free) and TXINI is set immediately.
22.15.1.1
Abort
An “abort” stage can be produced by the host in some situations:
• In a control transaction: ZLP data OUT received during a IN stage,
• In an isochronous IN transaction: ZLP data OUT received on the OUT endpoint during a IN
stage on the IN endpoint
•...
The KILLBK bit is used to kill the last “written” bank. The best way to manage this abort is to per-
form the following operations:
Table 22-1.
Abort flow
22.16 Isochronous mode
For Isochronous IN endpoints, it is possible to automatically switch the banks on each start of
frame (SOF). This is done by setting ISOSW. The CPU has to fill the bank of the endpoint; the
bank switching will be automatic as soon as a SOF is seen by the hardware.
A clear of FIFOCON does not have any effects in this mode.
In the case that a SOF is missing (noise on USB pad, ...), the controller will automatically build
internally a “pseudo” start of frame and the bank switching is made. The SOFI interrupt is trig-
gered and the frame number FNUM10:0 is increased.
22.16.1
Underflow
An underflow can occur during IN stage if the host attempts to read a bank which is empty. In
this situation, the UNDERFI interrupt is triggered.
Endpoint
Abort
Abort done
Abort is based on the fact
that no banks are busy,
meaning that nothing has to
be sent.
Disable the TXINI interrupt.
Endpoint
reset
NBUSYBK
=0
Yes
Clear
UEIENX.
TXINE
No
KILLBK=1
KILLBK=1
Yes
Kill the last written
bank.
Wait for the end of the
procedure.
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com