Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 301 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  435 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 301 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 297Page - ATMEL Corporation AT90USB646 Datasheet HTML 298Page - ATMEL Corporation AT90USB646 Datasheet HTML 299Page - ATMEL Corporation AT90USB646 Datasheet HTML 300Page - ATMEL Corporation AT90USB646 Datasheet HTML 301Page - ATMEL Corporation AT90USB646 Datasheet HTML 302Page - ATMEL Corporation AT90USB646 Datasheet HTML 303Page - ATMEL Corporation AT90USB646 Datasheet HTML 304Page - ATMEL Corporation AT90USB646 Datasheet HTML 305Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 435 page
background image
301
7593D–AVR–07/06
AT90USB64/128
23.16.1
General USB Host registers
• 7-3 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 2 - RESUME - Send USB Resume
Set this bit to generate a USB Resume on the USB bus.
Cleared by hardware when the USB Resume has been sent. Clearing by software has no effect.
This bit should be set only when the start of frame generation is enable (SOFEN bit set).
• 1 - RESET - Send USB Reset
Set this bit to generate a USB Reset on the USB bus.
Cleared by hardware when the USB Reset has been sent. Clearing by software has no effect.
Refer to the USB reset section for more details.
• 0 - SOFEN - Start Of Frame Generation Enable
Set this bit to generate SOF on the USB bus in full speed mode and keep-alive in low speed
mode.
Clear this bit to disable the SOF generation and to leave the USB bus in Idle state.
•7 - Reserved
The value read from these bits is always 0. Do not set these bits.
•6 - HWUP
Host Wake-Up Interrupt
Set by hardware when a non-idle state is detected on the USB bus.
Shall be clear by software to acknowledge the interrupt. Setting by software has no effect.
• 5 - HSOFI - Host Start Of Frame Interrupt
Set by hardware when a SOF is issued by the Host controller. This triggers a USB interrupt
when HSOFE is set. When using the host controller in low speed mode, this bit is also set when
a keep-alive is sent.
Shall be cleared by software to acknowledge the interrupt. Setting by software has no effect.
• 4 - RXRSMI - Upstream Resume Received Interrupt
Bit
7
6543
2
1
0
-
----
RESUME
RESET
SOFEN
UHCON
Read/Write
RRRRR
R/W
R/W
R/W
Initial Value
0
0000
0
0
0
Bit
7
654321
0
-
HWUP
HSOF
RXRSMI
RSMEDI
RSTI
DDISCI
DCONNI
UHINT
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
000000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com