Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 367 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  435 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 367 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 363Page - ATMEL Corporation AT90USB646 Datasheet HTML 364Page - ATMEL Corporation AT90USB646 Datasheet HTML 365Page - ATMEL Corporation AT90USB646 Datasheet HTML 366Page - ATMEL Corporation AT90USB646 Datasheet HTML 367Page - ATMEL Corporation AT90USB646 Datasheet HTML 368Page - ATMEL Corporation AT90USB646 Datasheet HTML 369Page - ATMEL Corporation AT90USB646 Datasheet HTML 370Page - ATMEL Corporation AT90USB646 Datasheet HTML 371Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 435 page
background image
367
7593D–AVR–07/06
AT90USB64/128
Note:
1. For details about these two section, see “NRWW – No Read-While-Write Section” on page
353 and “RWW – Read-While-Write Section” on page 353.
Note:
1. Z0: should be zero for all SPM commands, byte select for the (E)LPM instruction.
See “Addressing the Flash During Self-Programming” on page 360 for details about the use of
Z-pointer during Self-Programming.
Table 28-9.
Read-While-Write Limit (Word Addresses)
(1)
Device
Section
Pages
Address
AT90USB64
Read-While-Write section (RWW)
224
0x0000 - 0x6FFF
No Read-While-Write section (NRWW)
32
0x7000 - 0x7FFF
AT90USB28
Read-While-Write section (RWW)
480
0x0000 - 0xEFFF
No Read-While-Write section (NRWW)
32
0xF000 - 0xFFFF
Table 28-10.
Explanation of different variables used in Figure 28-4 and the mapping to the Z-
pointer
Variable
Corresponding
Z-value
Description(1)
PCMSB
16
Most significant bit in the Program Counter. (The
Program Counter is 17 bits PC[16:0])
PAGEMSB
6
Most significant bit which is used to address the
words within one page (128 words in a page requires
seven bits PC [6:0]).
ZPCMSB
Z17
Bit in Z-pointer that is mapped to PCMSB. Because
Z0 is not used, the ZPCMSB equals PCMSB + 1.
ZPAGEMSB
Z7
Bit in Z-pointer that is mapped to PCMSB. Because
Z0 is not used, the ZPAGEMSB equals PAGEMSB +
1.
PCPAGE
PC[16:7]
Z17:Z8
Program Counter page address: Page select, for
Page Erase and Page Write
PCWORD
PC[6:0]
Z7:Z1
Program Counter word address: Word select, for
filling temporary buffer (must be zero during Page
Write operation)
PCMSB
15
Most significant bit in the program counter. (The program
counter is 16 bits PC[15:0])
PAGEMSB
6
Most significant bit which is used to address the words
within one page (128 words in a page requires 7 bits PC
[6:0]).
ZPCMSB
Z16
Bit in Z-register that is mapped to PCMSB. Because Z0 is
not used, the ZPCMSB equals PCMSB + 1.
ZPAGEMSB
Z7
Bit in Z-register that is mapped to PAGEMSB. Because Z0
is not used, the ZPAGEMSB equals PAGEMSB + 1.
PCPAGE
PC[15:7]
Z16:Z7
Program counter page address: Page select, for Page
Erase and Page Write.
PCWORD
PC[6:0]
Z7:Z1
Program counter word address: Word select, for filling
temporary buffer (must be zero during PAGE WRITE
operation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com