Electronic Components Datasheet Search
  English  ▼

X  

GR6HBA318 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # GR6HBA318
Description  Single Pole Single Throw - Normally Open
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

GR6HBA318 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  GR6HBA318 Datasheet HTML 1Page - Sensata Technologies, Inc. GR6HBA318 Datasheet HTML 2Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADVANCED SWITCHING SOLUTIONS
GR6HBA318
GR6HBA318
7kV SPST-NO HV Relay
Single Pole Single Throw - Normally Open
G I G AVA C ® - 63 82 Ros e L a n e - C a r p i n t e r i a, C A 93 013 - p h +1- 8 05 - 6 8 4 - 8 4 01 - f a x +1- 8 05 - 6 8 4 - 8 4 0 2
i n f o @ g i g a v a c . c o m - w w w. g i g a v a c . c o m - © C o p y r i g h t 20 0 3 - 2 017 G I G AVA C, L LC.
FEATURES
RF efficient design offers high power handling in a
small package
High voltage solder connections provide additional
external isolation from PC boards
RF screen helps assure interference free operation
when relays are mounted side by side
Vacuum dielectric offers low stable contact resistance
PRODUCT SPECIFICATIONS
Contact & Relay Ratings
Units
GR6HBA318
Contact Form
A
Contact Arrangement
SPST-NO
Voltage Ratings
Between Contacts
kV Peak
7
Contacts to Coil
kV Peak
7
Contacts to Screen
kV Peak
7
Coil to Screen
kV Peak
.5
Current Carry Max
@ DC
Amps
10
@ 30 Mhz
Amps
6
Contact Resistance
Ohms
0.050
Capacitance
Across Open Contacts
pF
0.4
Contacts to Ground
pF
5
Initial Insulation Resistance
GigaOhms
10
Operate Time
*
ms
2
Release Time
*
ms
1
Life, Mechanical
cycles
100 million
Weight, Nominal
g (oz)
24 (0.85)
Vibration, Operating,
Sine(10-500 Hz Peak)
G’s
20
Shock, Operating,
1/2 Sine11ms (Peak)
G’s
100
Temperature Ambient Operating
Operating
°C
-40 to +85
Storage
°C
-55 to +125
* Operate and release times are with external diode suppression, @ 25°C.
CIRCUIT DIAGRAM VIEWED
FROM UNDERSIDE
S2
S1
X2
X1
A1
A2
18.5 .73
38.1 1.50
9.5 .37
63.5 2.50 MAX
50.8 2.00
28.4 1.12
1.8 .07
2.5[.10]
4X PINS 0.61 [.024] SQ
A2
A1
X1
X2
S1
S2
5.1 .20
19.1 .75 MAX
15.2 .60
COIL RATINGS
GR6HBA318
Units
Value
Volts, Nominal
Vdc
24
Voltage, Max.
Vdc
30
Pickup, Max.
Vdc
16
Dropout, Max.
Vdc
4
Coil Resistance
Ohms
1000
RF Screen, Inner
Pin #
S1
RF Screen, Outer
Pin #
S2


Similar Part No. - GR6HBA318

ManufacturerPart #DatasheetDescription
logo
Grenergy Opto, lnc.
GR6004 GRENERGY-GR6004 Datasheet
756Kb / 13P
   Constant Current Switching Converter for High Brightness LED Driving
GR6004KG GRENERGY-GR6004KG Datasheet
756Kb / 13P
   Constant Current Switching Converter for High Brightness LED Driving
GR6004PG GRENERGY-GR6004PG Datasheet
756Kb / 13P
   Constant Current Switching Converter for High Brightness LED Driving
GR6953 GRENERGY-GR6953 Datasheet
366Kb / 8P
   Self-oscillating Half-bridge Power IC
GR6953JG GRENERGY-GR6953JG Datasheet
366Kb / 8P
   Self-oscillating Half-bridge Power IC
More results

Similar Description - GR6HBA318

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
D2N130CD NIEC-D2N130CD Datasheet
171Kb / 3P
   Single Pole, Single Throw Normally Open
D2N140CD NIEC-D2N140CD Datasheet
171Kb / 3P
   Single Pole, Single Throw Normally Open
logo
ISOCOM COMPONENTS
ISP06 ISOCOM-ISP06 Datasheet
982Kb / 12P
   Normally Open Single Pole Single Throw Relay
logo
Molex Electronics Ltd.
1300230004 MOLEX1-1300230004_17 Datasheet
41Kb / 1P
   Super-Safeway Single Button, 3 Pin, Single-Pole, Single-Throw, Normally Open
1300230001 MOLEX1-1300230001_17 Datasheet
42Kb / 1P
   Super-Safeway Single Button, 2 Pin, Single-Pole, Single-Throw, Normally Open,10A
logo
IXYS Corporation
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
   Single-Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com