Electronic Components Datasheet Search
  English  ▼

X  

SC101161DT Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # SC101161DT
Description  Device User Guide
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC101161DT Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button SC101161DT Datasheet HTML 99Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 100Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 101Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 102Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 103Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 104Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 105Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 106Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 142 page
background image
Device User Guide — 9S12DT128DGV2/D V02.15
103
Freescale Semiconductor
A.1.9 I/O Characteristics
This section describes the characteristics of all 5V I/O pins. All parameters are not always applicable, e.g.
not all pins feature pull up/down resistances.
Table A-5 Thermal Package Characteristics1
NOTES:
1. The values for thermal resistance are achieved by package simulations
Num C
Rating
Symbol
Min
Typ
Max
Unit
1
T Thermal Resistance LQFP112, single sided PCB2
2. PC Board according to EIA/JEDEC Standard 51-3
θ
JA
–
–
54
oC/W
2
T
Thermal Resistance LQFP112, double sided PCB
with 2 internal planes3
3. PC Board according to EIA/JEDEC Standard 51-7
θ
JA
–
–
41
oC/W
3
T Junction to Board LQFP112
θ
JB
–
–
31
oC/W
4
T Junction to Case LQFP112
θ
JC
–
–
11
oC/W
5
T Junction to Package Top LQFP112
Ψ
JT
–
–
2
oC/W
6
T Thermal Resistance QFP 80, single sided PCB
θ
JA
–
–
51
oC/W
7
T
Thermal Resistance QFP 80, double sided PCB with
2 internal planes
θ
JA
–
–
41
oC/W
8
T Junction to Board QFP80
θ
JB
–
–
27
oC/W
9
T Junction to Case QFP80
θ
JC
–
–
14
oC/W
10
T Junction to Package Top QFP80
Ψ
JT
–
–
3
oC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com