Electronic Components Datasheet Search
  English  ▼

X  

56F8335 Datasheet(PDF) 121 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 121 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 117Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 118Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 119Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 120Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 121Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 122Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 123Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 124Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 125Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 160 page
background image
Configuration
56F8335 Technical Data, Rev. 5
Freescale Semiconductor
121
Preliminary
D13
11
2 pins - EMI CSn
4 pins - EMI CSn - Can only be used as GPIO
2 pins - SCI1
2 pins - EMI CSn - Not available in this package
3 pins - PWMB current sense
EMI Chip Selects
EMI Chip Selects
SCI1
N/A
PWMB current
sense
E14
12
2 pins - SCI0
2 pins - EMI Address pins - Not available in this package
4 pins - SPI0
2 pins - TMRC
4 pins - TMRD
SCI0
N/A
SPI0
TMRC
TMRD
F16
4
4 pins - EMI Data - Can only be used as GPIO
12 pins - EMI Data - Not available in this package
EMI Data
N/A
Table 8-2 56F8135 GPIO Ports Configuration
GPIO Port
Port
Width
Available
Pins in
56F8135
Peripheral Function
Reset Function
A14
6
6 pins - EMI Address pins - Can only be used as GPIO
8 pins - EMI Address pins - Not available in this package
EMI Address
N/A
B8
5
5 pins - EMI Address pins - Can only be used as GPIO
3 pins - EMI Address pins - Not available in this package
GPIO
N/A
C11
11
4 pins - SPI1
4 pins - DEC0 / TMRA
3 pins - Dedicated GPIO
DEC1 / TMRB
DEC0 / TMRA
GPIO
D13
11
6 pins - EMI CSn - Can only be used as GPIO
2 pins - SCI1
2 pins - EMI CSn - Not available in this package
3 pins - PWMB current sense
EMI Chip Selects
SCI1
N/A
PWMB current
sense
E14
12
2 pins - SCI0
2 pins - EMI Address pins - Not available in this package
4 pins - SPI0
2 pins - TMRC
4 pins - Dedicated GPIO
SCI0
N/A
SPI0
TMRC
GPIO
F16
4
4 pins - EMI Data - Can only be used as GPIO
12 pins - EMI Data - Not available in this package
EMI Data
N/A
Table 8-1 56F8335 GPIO Ports Configuration
GPIO Port
Port
Width
Available
Pins in
56F8335
Peripheral Function
Reset Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com