Electronic Components Datasheet Search
  English  ▼

X  

MC68HC908GR4MP Datasheet(PDF) 283 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 283 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 278Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 279Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 280Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 281Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 282Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 283Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 284Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 285Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 286Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 283 / 286 page
background image
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
Freescale Semiconductor
283
Revision History
Changes from Rev 6.0 published in April 2006 to Rev 7.0 published
in October 2006
Changes from Rev 5.0 published in August 2005 to Rev 6.0 published
in April 2006
Changes from Rev 4.0 published in February 2002 to Rev 5.0 published
in August 2005
Section
Page (in Rev 6.0)
Description of change
Mechanical
Specifications
272
Corrected cas outline for 32-pin LQFP.
Section
Page (in Rev 6.0)
Description of change
General Description
20
Added 42-pin SDIP to standard feature list.
22
Added pin assignment drawing for the 42-pin SDIP.
Low-Power Modes
38
Updated description of clock generator module in stop mode to remove
erroneous information.
Electrical
Specifications
255
249
251
Updated to reflect correct values.
Added DC injection current and input hysteresis values to:
5.0 V DC Electrical Characteristics
3.0 V DC Electrical Characteristics
Mechanical
Specifications
270
Added case outline drawing for the 42-pin SDIP.
Section
Page (in Rev 5.0)
Description of change
Memory Map
27
In 4th, 5th and 6th bullets
Address of Interrupt Status Register 1
(INT1) corrected to $FE04
Address of Interrupt Status Register 2
(INT2) corrected to $FE05
Address of Interrupt Status Register 3
(INT3) corrected to $FE06
28
Near bottom of memory map
35
In bottom two registers
35
In top register
System Integration
Module (SIM)
185
In last three registers
Throughout
Updated to meet Freescale Identity
guidelines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com