Electronic Components Datasheet Search
  English  ▼

X  

MPC8540VT667LB Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # MPC8540VT667LB
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540VT667LB Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button MPC8540VT667LB Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8540VT667LB Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8540VT667LB Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8540VT667LB Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8540VT667LB Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8540VT667LB Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8540VT667LB Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8540VT667LB Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8540VT667LB Datasheet HTML 104Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 101 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
101
Device Nomenclature
19 Device Nomenclature
Ordering information for the parts fully covered by this specification document is provided in
Section 19.1, “Nomenclature of Parts Fully Addressed by this Document.”
19.1 Nomenclature of Parts Fully Addressed by this Document
Table 62 provides the Freescale part numbering nomenclature for the MPC8540. Note that the individual
part numbers correspond to a maximum processor core frequency. For available frequencies, contact your
local Freescale sales office. In addition to the processor frequency, the part numbering scheme also
includes an application modifier which may specify special application conditions. Each part number also
contains a revision code which refers to the die mask revision number.
Table 62. Part Numbering Nomenclature
MPC
nnnn
t
pp
ff(f)
c
r
Product
Code
Part
Identifier
Temperature
Range1
Package 2
Processor
Frequency 3, 4
Platform
Frequency
Revision Level
MPC
8540
Blank = 0 to 105
°C
C = –40 to 105
°C
PX = FC-PBGA
VT = FC-PBGA
(Pb-free)
833 = 833 MHz
667 = 667 MHz
L = 333 MHz
J = 266 MHz
B = Rev. 2.0
(SVR = 0x80300020)
C = Rev. 2.1
(SVR = 0x80300021)
MPC
8540
Blank = 0 to 105
°C
C = –40 to 105
°C
PX = FC-PBGA
VT = FC-PBGA
(Pb-free)
AQ = 1.0 GHz
F = 333 MHz
B = Rev. 2.0
(SVR = 0x80300020)
C = Rev. 2.1
(SVR = 0x80300021)
Notes:
1.For Temperature Range=C, Processor Frequency is limited to 667 MHz.
2.See Section 14, “Package and Pin Listings,” for more information on available package types.
3.Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this
specification support all core frequencies. The core must be clocked at a minimum frequency of 400MHz. A device must
not be used beyond the core frequency or platform frequency indicated on the device.
4.Designers should use the maximum power value corresponding to the core and platform frequency grades indicated on the
device. A lower maximum power value should not be assumed for design purposes even when running at a lower
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com