Electronic Components Datasheet Search
  English  ▼

X  

S71PL129JC0 Datasheet(PDF) 120 Page - SPANSION

Part # S71PL129JC0
Description  Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0 Datasheet(HTML) 120 Page - SPANSION

Back Button S71PL129JC0 Datasheet HTML 116Page - SPANSION S71PL129JC0 Datasheet HTML 117Page - SPANSION S71PL129JC0 Datasheet HTML 118Page - SPANSION S71PL129JC0 Datasheet HTML 119Page - SPANSION S71PL129JC0 Datasheet HTML 120Page - SPANSION S71PL129JC0 Datasheet HTML 121Page - SPANSION S71PL129JC0 Datasheet HTML 122Page - SPANSION S71PL129JC0 Datasheet HTML 123Page - SPANSION S71PL129JC0 Datasheet HTML 124Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 153 page
background image
118
S71PL129JC0/S71PL129JB0/S71PL129JA0
S71PL129Jxx_00_A8 October 28, 2005
Advance
Info rmation
Low Power ICC Characteristics (32M)
Address Patterns for PAR (A3= 0, A4=1) (16M)
Address Patterns for RMS (A3 = 1, A4 = 1) (16M)
Low Power ICC Characteristics (16M)
Item
Symbol
Test
Array Partition
Typ
Max
Unit
PAR Mode Standby Current IPAR
VIN = VCC or 0V,
Chip Disabled, tA= 85oC
1/4 Array
75
µA
1/2 Array
90
µA
RMS Mode Standby Current IRMSSB
VIN = VCC or 0V,
Chip Disabled, tA= 85oC
8Mb Device
75
µA
16Mb Device
90
µA
Deep Sleep Current
IZZ
VIN = VCC or 0V,
Chip in ZZ mode, tA= 85oC
10
µA
A2 A1
A0
Active Section
Address Space
Size
Density
0
1
1
One-quarter of die
00000h - 0FFFFh
256Kb x 16
4Mb
0
1
0
One-half of die
00000h - 7FFFFh
512Kb x 16
8Mb
x
0
0
Full die
00000h - FFFFFh
1Mb x 16
16Mb
1
1
1
One-quarter of die
C0000h - FFFFh
256Kb x 16
4Mb
1
1
0
One-half of die
80000h - 1FFFFFh
512Kb x 16
8Mb
A2 A1
A0
Active Section
Address Space
Size
Density
0
1
1
One-quarter of die
00000h - 0FFFFh
256Kb x 16
4Mb
0
1
0
One-half of die
00000h - 7FFFFh
512Kb x 16
8Mb
1
1
1
One-quarter of die
C0000h - FFFFFh
256Kb x 16
4Mb
1
1
0
One-half of die
80000h - FFFFFh
512Kb x 16
8Mb
Item
Symbol
Test
Array Partition
Typ
Max
Unit
PAR Mode Standby Current
IPAR
VIN = VCC or 0V,
Chip Disabled, tA= 85oC
1/4 Array
65
µA
1/2 Array
80
RMS Mode Standby Current
IRMSSB
VIN = VCC or 0V,
Chip Disabled, tA= 85oC
4Mb Device
65
µA
8Mb Device
80
Deep Sleep Current
IZZ
VIN = VCC or 0V,
Chip in ZZ# mode, tA= 85oC
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com