Electronic Components Datasheet Search
  English  ▼

X  

LX1992 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX1992
Description  High Efficiency LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1992 Datasheet(HTML) 3 Page - Microsemi Corporation

  LX1992 Datasheet HTML 1Page - Microsemi Corporation LX1992 Datasheet HTML 2Page - Microsemi Corporation LX1992 Datasheet HTML 3Page - Microsemi Corporation LX1992 Datasheet HTML 4Page - Microsemi Corporation LX1992 Datasheet HTML 5Page - Microsemi Corporation LX1992 Datasheet HTML 6Page - Microsemi Corporation LX1992 Datasheet HTML 7Page - Microsemi Corporation LX1992 Datasheet HTML 8Page - Microsemi Corporation LX1992 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
© 2000
Rev. 1.1b, 2005-03-03
LX1992
High Efficiency LED Driver
PRODUCTION DATA SHEET
TM
®
ELECTRI CAL CHA RACTERI S TI CS
Unless otherwise specified, the following specifications apply over the operating ambient temperature 0°C
TA 70°C except where
otherwise noted and the following test conditions: VIN = 3V, ILOAD = 20mA, SHDN = VIN, and VADJ = 300mV.
LX1992
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating Voltage
VIN
1.6
6.0
V
Minimum Start-up Voltage
VSU
TA = +25°C
1.6
V
Start-up Voltage Temperature
Coefficient
kVST
-2
mV/°C
VFB > 0.3V
50
100
µA
Quiescent Current
IQ
VSHDN < 0.4V
0.2
0.5
µA
FB Threshold Voltage
VFB
275
300
325
mV
FB Input Bias Current
IFB
VFB = 0.3V
-100
100
nA
ADJ Input Voltage Range
VADJ
IOUT = (VADJ)/(RSET)
0.0
VIN
V
ADJ Input Bias Current
IADJ
VADJ < 0.3V
-150
0
nA
Shutdown Input Bias Current
ISHDN
SHDN = GND
-50
50
nA
Shutdown High Input Voltage
VSHDN
1.6
V
Shutdown Low Input Voltage
VSHDN
0.4
V
Current Sense Bias Current
ICS
VFB < 0.3V
3.0
5.0
7.0
µA
Minimum Peak Current
IMIN
RCS = 560Ω
53
83
mA
Efficiency
η
VIN = 3.0V, ILOAD = 20mA
85
%
NDRV Sink Current
ISNK
VIN = 5V
50
mA
NDRV Source Current
ISRC
VIN = 5V
100
mA
Off-Time
tOFF
VFB = 0.3V; VADJ=0.5V
100
500
ns
SI MPLIFI ED BLOCK DI AGRAM
Control
Logic
Reference
Logic
ADJ
FB
Shutdown
Logic
SHDN
CS
Driver
GND
DRV
IN
A
SRC
2.5M
50pF
A
B


Similar Part No. - LX1992

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1990 MICROSEMI-LX1990 Datasheet
262Kb / 11P
   Dual Programmable LED Current Sink
LX1990 MICROSEMI-LX1990 Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM MICROSEMI-LX1990ILM Datasheet
262Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM MICROSEMI-LX1990ILM Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM-TR MICROSEMI-LX1990ILM-TR Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
More results

Similar Description - LX1992

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
   High Efficiency LED Driver
LX1993 MICROSEMI-LX1993 Datasheet
453Kb / 12P
   High Efficiency LED Driver
LX1994 MICROSEMI-LX1994_06 Datasheet
256Kb / 13P
   High Efficiency LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
   High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
   High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
   High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
[Old version datasheet]   High-Efficiency White-LED Driver
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
   High Efficiency White LED Driver
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
   High Efficiency White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com