Electronic Components Datasheet Search
  English  ▼

X  

LX1992 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX1992
Description  High Efficiency LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1992 Datasheet(HTML) 4 Page - Microsemi Corporation

  LX1992 Datasheet HTML 1Page - Microsemi Corporation LX1992 Datasheet HTML 2Page - Microsemi Corporation LX1992 Datasheet HTML 3Page - Microsemi Corporation LX1992 Datasheet HTML 4Page - Microsemi Corporation LX1992 Datasheet HTML 5Page - Microsemi Corporation LX1992 Datasheet HTML 6Page - Microsemi Corporation LX1992 Datasheet HTML 7Page - Microsemi Corporation LX1992 Datasheet HTML 8Page - Microsemi Corporation LX1992 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2000
Rev. 1.1b, 2005-03-03
LX1992
High Efficiency LED Driver
PRODUCTION DATA SHEET
TM
®
APPLI CATI ON CI RCUITS
Typical LED Driver Applications
C
1
4.7µ F
L
1
47µ H
1206 Case Size
LX1992
GND
FB
CS
DRV
SHDN
IN
ADJ
SRC
R
SET
15Ω
V
BAT = 1.6V to 6.0V
ON OFF
V
F = 3.6V typ.
I
LED = 0mA to 20mA
R
CS
4 k
Figure 1
– LED Driver with Full-Range Dimming Via PWM Input
C
1
4.7µ F
L
1
47µ H
1206 Case Size
LX1992
GND
FB
CS
DRV
SHDN
IN
ADJ
SRC
R
SET
15Ω
V
BAT = 1.6V to 6.0V
ON OFF
V
F = 3.6V typ.
I
LED = 0mA to 20mA
V
ADJ = 0.0V to 0.3V
+
-
R
CS
4 k
Figure 2
– LED Driver with Full-Range Dimming Via Analog Voltage Input
Note
: The component values shown are only examples for a working system. Actual values will vary greatly depending on
desired parameters, efficiency, and layout constraints.


Similar Part No. - LX1992

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1990 MICROSEMI-LX1990 Datasheet
262Kb / 11P
Dual Programmable LED Current Sink
LX1990 MICROSEMI-LX1990 Datasheet
213Kb / 11P
Dual Programmable LED Current Sink
LX1990ILM MICROSEMI-LX1990ILM Datasheet
262Kb / 11P
Dual Programmable LED Current Sink
LX1990ILM MICROSEMI-LX1990ILM Datasheet
213Kb / 11P
Dual Programmable LED Current Sink
LX1990ILM-TR MICROSEMI-LX1990ILM-TR Datasheet
213Kb / 11P
Dual Programmable LED Current Sink
More results

Similar Description - LX1992

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
High Efficiency White LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
High Efficiency White LED Driver
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
High Efficiency White LED Driver
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
High Efficiency LED Driver
LX1993 MICROSEMI-LX1993 Datasheet
453Kb / 12P
High Efficiency LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
High Efficiency White LED Driver
March, 2006 ??Rev. 0
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994_06 Datasheet
256Kb / 13P
High Efficiency LED Driver
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
High-Efficiency White-LED Driver
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com