Electronic Components Datasheet Search
  English  ▼

X  

LX1992 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX1992
Description  High Efficiency LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1992 Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button LX1992 Datasheet HTML 2Page - Microsemi Corporation LX1992 Datasheet HTML 3Page - Microsemi Corporation LX1992 Datasheet HTML 4Page - Microsemi Corporation LX1992 Datasheet HTML 5Page - Microsemi Corporation LX1992 Datasheet HTML 6Page - Microsemi Corporation LX1992 Datasheet HTML 7Page - Microsemi Corporation LX1992 Datasheet HTML 8Page - Microsemi Corporation LX1992 Datasheet HTML 9Page - Microsemi Corporation LX1992 Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Copyright
© 2000
Rev. 1.1b, 2005-03-03
LX1992
High Efficiency LED Driver
PRODUCTION DATA SHEET
TM
®
APPLI CATI ON I N FORMATI O N
formula for ∆VDROOP is:
()
()
0.5
V
I
I
C
L
∆V
IN
OUT
PK
OUT
DROOP
×
×
=
⎟⎟
⎜⎜
The output overshoot can be estimated as follows where the
0.5 value in the denominator is an estimate of the voltage
drop across the diode:
()
()
IN
OUT
2
OUT
PK
OUT
2
1
OVERSHOOT
V
0.5
V
I
I
C
L
∆V
+
×
⎟⎟
⎜⎜
×
=
DESIGN EXAMPLE:
Determine the VRIPPLE where IPK equals 200mA, IOUT
equals 12.8mA, L equals 47µH, COUT equals 4.7µF, VIN
equals 3.0V, and VOUT equals 13.0V:
()
()
mV
2
.
10
5
.
0
0
.
3
mA
8
.
12
mA
200
µF
7
.
4
µH
47
∆VDROOP
×
×
⎟⎟
⎜⎜
=
()
()
mV
4
.
18
0
.
3
0.5
0
.
13
mA
8
.
12
mA
200
F
4.7
H
47
∆V
2
2
1
OVERSHOOT
+
×
⎟⎟
⎜⎜
µ
µ
×
=
Therefore,
VRIPPLE = 10.2mV + 18.4mV + 10mV = 38.6mV
DIODE SELECTION
A Schottky diode is recommended for most applications
(e.g. Microsemi UPS5817). The low forward voltage drop
and fast recovery time associated with this device supports
the switching demands associated with this circuit
topology. The designer is encouraged to consider the
diode’s average and peak current ratings with respect to
the application’s output and peak inductor current
requirements.
Further, the diode’s reverse breakdown
voltage characteristic must be capable of withstanding a
negative voltage transition that is greater than VOUT.
TRANSISTOR SELECTION
The LX1992 can source up to 100mA of gate current.
An N-channel MOSFET with a relatively low threshold
voltage, low gate charge and low RDS(ON) is required to
optimize overall circuit performance.
The LXE1992
Evaluation Board uses a Fairchild FDV303. This NMOS
device was chosen because it demonstrates an RDS_ON of
0.33Ω and a total gate charge Qg of 1.64nC (typ.)
PCB LAYOUT
The LX1992 produces high slew-rate voltage and current
waveforms hence; the designer should take this into
consideration when laying out the circuit. Minimizing trace
lengths from the IC to the inductor, transistor, diode, input
and output capacitors, and feedback connection (i.e., pin 6)
are typical considerations. Moreover, the designer should
maximize the DC input and output trace widths to
accommodate peak current levels associated with this
topology.
EVALUATION BOARD
The LXE1992 evaluation board is available from
Microsemi for assessing overall circuit performance.
The
evaluation board, shown in Figure 3, is 3 by 3 inches (i.e.,
7.6 by 7.6cm) square and programmed to drive 4 LEDs
(provided). Designers can easily modify circuit parameters
to suit their particular application by replacing RCS (as
described in this section) RSET (i.e., R4) and diode load.
Moreover, the inductor, FET, and switching diode are easily
swapped out to promote design verification of a circuit that
maximizes efficiency and minimizes cost for a specific
application.
The evaluation board input and output
connections are described in Table 1.
The DC input voltage is applied to VBAT (not VCC)
however the LX1992 IC may be driven from a separate DC
source via the VCC input. The output current (i.e., LED
brightness) is controlled by adjusting the on-board
potentiometer.
The designer may elect to drive the
brightness adjustment circuit from VBAT or via a separate
voltage source by selecting the appropriate jumper position
(see Table 2). Optional external adjustment of the output
LED current is achieved by disengaging the potentiometer
and applying either a DC voltage or a PWM-type signal to
the VADJ input. The PWM signal frequency should be
higher than 150KHz and contain a DC component les than
350mV.
The LX1992 exhibits a low quiescent current (IQ < 0.5µA:
typ) during shutdown mode. The SHDN pin is used to
exercise the shutdown function on the evaluation board.
This pin is pulled-up to VCC via a 10KΩ resistor.
Grounding the SHDN pin shuts down the IC (not the circuit
output). The output voltage (i.e., voltage across the LED
string) is readily measured at the VOUT terminal and LED
current is derived from measuring the voltage at the VFDBK
pin and dividing this value by 15Ω (i.e., R4).
The factory installed component list for this must-have
design tool is provided in Table 3 and the schematic is shown
in Figure 4


Similar Part No. - LX1992

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1990 MICROSEMI-LX1990 Datasheet
262Kb / 11P
   Dual Programmable LED Current Sink
LX1990 MICROSEMI-LX1990 Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM MICROSEMI-LX1990ILM Datasheet
262Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM MICROSEMI-LX1990ILM Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM-TR MICROSEMI-LX1990ILM-TR Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
More results

Similar Description - LX1992

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
   High Efficiency LED Driver
LX1993 MICROSEMI-LX1993 Datasheet
453Kb / 12P
   High Efficiency LED Driver
LX1994 MICROSEMI-LX1994_06 Datasheet
256Kb / 13P
   High Efficiency LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
   High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
   High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
   High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
[Old version datasheet]   High-Efficiency White-LED Driver
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
   High Efficiency White LED Driver
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
   High Efficiency White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com