Electronic Components Datasheet Search
  English  ▼

X  

LX1992 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LX1992
Description  High Efficiency LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1992 Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button LX1992 Datasheet HTML 3Page - Microsemi Corporation LX1992 Datasheet HTML 4Page - Microsemi Corporation LX1992 Datasheet HTML 5Page - Microsemi Corporation LX1992 Datasheet HTML 6Page - Microsemi Corporation LX1992 Datasheet HTML 7Page - Microsemi Corporation LX1992 Datasheet HTML 8Page - Microsemi Corporation LX1992 Datasheet HTML 9Page - Microsemi Corporation LX1992 Datasheet HTML 10Page - Microsemi Corporation LX1992 Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 7
Copyright
© 2000
Rev. 1.1b, 2005-03-03
LX1992
High Efficiency LED Driver
PRODUCTION DATA SHEET
TM
®
APPLI CATI ON I N FORMATI ON ( C ONTINU E D )
Figure 5: LXE1992 Engineering Evaluation Board
Table 1: Input and Ouput Pin Assignments
Pin Name
Allowable Range
Description
VBAT
0 to 6V
Main power supply for output. (Set external current limit to 0.5A)
VCC
1.6V to 6V
LX1992 power. May be strapped to VBAT or use a separate supply if VCC jumper is in
the SEP position. Do not power output from VCC pin on board..
VPOT
1.6V to 6V
Potentiometer power. May be strapped to VBAT or use a separate supply if VPOT
jumper is in the SEP position. Do not power output from VPOT pin on board.
VADJ IN
0 to 350mV
Apply a DC voltage or a PWM voltage to this pin to adjust the LED current. PWM
inputs should be greater than 120Hz and DC portion less than 350mV.
/SHDN
0 to VCC
Pulled up to VCC on board (10KΩ), Ground to inhibit the LX1992.
VOUT
0 to 18V
Power supply output voltage that is applied to LED string.
VFDBK
0 to 400mv
Sense resistor voltage. Divide this voltage by 15 to determine LED current.
Table 2: Jumper Pin Position Assignments
Jumper Position
Functional Description
VCC/ BAT
Use this position when powering VBAT and VCC from the same supply. Do not connect power to the VCC
input when using this jumper position.
VCC/ SEP
Use this position when using a separate VCC supply (different from VBAT).
VPOT/ VBAT
Use this position when powering the potentiometer reference circuit from the VBAT supply. Do not connect
power to the VCC input when using this jumper position.
VPOT/ SEP
Use this position when using a separate power supply (different from VBAT) to power the potentiometer
reference circuit. This will lower the VBAT current and provide a more accurate efficiency reading for the
LX1992 circuit.
ADJ/ POT
Use this position when using the potentiometer to adjust LED current.
ADJ/ EXT
Use this position when adjusting the LED current with an external PWM that has a repetition rate >120Hz. Or
when using a DC adjustment voltage.
Note: Always put jumpers in one of the two possible positions


Similar Part No. - LX1992

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1990 MICROSEMI-LX1990 Datasheet
262Kb / 11P
   Dual Programmable LED Current Sink
LX1990 MICROSEMI-LX1990 Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM MICROSEMI-LX1990ILM Datasheet
262Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM MICROSEMI-LX1990ILM Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM-TR MICROSEMI-LX1990ILM-TR Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
More results

Similar Description - LX1992

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
   High Efficiency LED Driver
LX1993 MICROSEMI-LX1993 Datasheet
453Kb / 12P
   High Efficiency LED Driver
LX1994 MICROSEMI-LX1994_06 Datasheet
256Kb / 13P
   High Efficiency LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
   High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
   High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
   High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
[Old version datasheet]   High-Efficiency White-LED Driver
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
   High Efficiency White LED Driver
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
   High Efficiency White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com