Electronic Components Datasheet Search
  English  ▼

X  

LX1992 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX1992
Description  High Efficiency LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1992 Datasheet(HTML) 1 Page - Microsemi Corporation

  LX1992 Datasheet HTML 1Page - Microsemi Corporation LX1992 Datasheet HTML 2Page - Microsemi Corporation LX1992 Datasheet HTML 3Page - Microsemi Corporation LX1992 Datasheet HTML 4Page - Microsemi Corporation LX1992 Datasheet HTML 5Page - Microsemi Corporation LX1992 Datasheet HTML 6Page - Microsemi Corporation LX1992 Datasheet HTML 7Page - Microsemi Corporation LX1992 Datasheet HTML 8Page - Microsemi Corporation LX1992 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 2000
Rev. 1.1b, 2005-03-03
LX1992
High Efficiency LED Driver
PRODUCTION DATA SHEET
TM
®
DESCRI PTI O N
The LX1992 is a compact high
efficiency step-up boost controller for
driving white or color LEDs in
backlight or frontlight systems and
offers designers maximum flexibility
with respect to efficiency and cost.
The LX1992 features a pseudo-
hysteretic pulse frequency modulation
topology and uses an external N-
Channel MOSFET.
Further, the
LX1992 features control circuitry that
is optimized for portable systems (e.g.,
quiescent supply current of 80µA
(typ) and a shutdown current of less
than
1µA).
These
design
enhancements provide for improved
performance
in
battery
operated
systems applications.
The device input voltage range is
from 1.6V to 6.0, allowing for a wide
selection of system battery voltages
and
start-up
operation
is
guaranteed at 1.6V input.
Programming the output current is
readily achieved by using one external
current sense resistor in series with the
LEDs.
In this configuration, LED
current provides a feedback signal to the
FB pin, maintaining constant current
regardless of varying LED forward
voltage (VF). Moreover, the LX1992 is
capable of achieving output currents in
excess of 150mA, depending on the
MOSFET selected.
The LX1992 has an additional feature
for simple dynamic adjustment of the
output current (i.e., up to 100% of the
maximum
programmed
current).
Designers can make this adjustment via
an analog reference signal or a direct
PWM generated signal applied to the
ADJ pin and any PWM amplitude is
easily accommodated with a single
external resistor.
The LX1992 is available in both the 8-
Pin MSOP, and the miniature 8-Pin MLP
requiring minimal PCB area.
IMPORTANT:
For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATUR ES
> 90% Efficiency
80µA Typical Quiescent Supply
Current
Externally Programmable Peak
Inductor Current Limit For
Maximum Efficiency
Logic Controlled Shutdown
< 1µA Shutdown Current
Dynamic Output Current
Adjustment Via Analog
Reference Or Direct PWM Input
8-Pin MSOP Package or 8-Pin
MLP
APPLICATIONS/BENEFITS
Pagers
Wireless Phones
PDAs
Handheld Computers
General LCD Bias Applications
LED Driver
Digital Camera Displays
PRODUCT H I GHLIGHT
C
1
4.7µ F
L
1
47µ H
1206 Case Size
LX1992
GND
FB
CS
DRV
SHDN
IN
ADJ
SRC
R
SET
15 Ω
V
BAT = 1.6V to 6 .0 V
ON OFF
V
F = 3.6V typ.
I
LED = 20 mA to 0m A
R
CS
4 k
PACKAGE ORDER INFO
LM
Plastic MLP
8-Pin
DU
Plastic MSOP
8-Pin
TA (
°C)
RoHS Compliant / Pb-free
Transition DC: 0452
RoHS Compliant / Pb-free
Transition DC: 0432
0 to 70
LX1992CLM
LX1992CDU
Note: Available in Tape & Reel. Append the letters “TR” to the part number. (i.e.
LX1992CDU-TR)


Similar Part No. - LX1992

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1990 MICROSEMI-LX1990 Datasheet
262Kb / 11P
   Dual Programmable LED Current Sink
LX1990 MICROSEMI-LX1990 Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM MICROSEMI-LX1990ILM Datasheet
262Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM MICROSEMI-LX1990ILM Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM-TR MICROSEMI-LX1990ILM-TR Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
More results

Similar Description - LX1992

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
   High Efficiency LED Driver
LX1993 MICROSEMI-LX1993 Datasheet
453Kb / 12P
   High Efficiency LED Driver
LX1994 MICROSEMI-LX1994_06 Datasheet
256Kb / 13P
   High Efficiency LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
   High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
   High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
   High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
[Old version datasheet]   High-Efficiency White-LED Driver
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
   High Efficiency White LED Driver
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
   High Efficiency White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com