Electronic Components Datasheet Search
  English  ▼

X  

LX1992 Datasheet(PDF) 10 Page - Microsemi Corporation

Part # LX1992
Description  High Efficiency LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1992 Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button LX1992 Datasheet HTML 3Page - Microsemi Corporation LX1992 Datasheet HTML 4Page - Microsemi Corporation LX1992 Datasheet HTML 5Page - Microsemi Corporation LX1992 Datasheet HTML 6Page - Microsemi Corporation LX1992 Datasheet HTML 7Page - Microsemi Corporation LX1992 Datasheet HTML 8Page - Microsemi Corporation LX1992 Datasheet HTML 9Page - Microsemi Corporation LX1992 Datasheet HTML 10Page - Microsemi Corporation LX1992 Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 10
Copyright
© 2000
Rev. 1.1b, 2005-03-03
LX1992
High Efficiency LED Driver
PRODUCTION DATA SHEET
TM
®
PACKAGE DI MENSI ONS
DU
8-Pin Miniature Shrink Outline Package (MSOP)
N
L
P
K
M
B
D
G
H
C
A
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
2.85
3.05
.112
.120
B
2.90
3.10
.114
.122
C
1.10
0.043
D
0.25
0.40
0.009
0.160
G
0.65 BSC
0.025 BSC
H
0.38
0.64
0.015
0.025
J
0.13
0.18
0.005
0.007
K
0.95 BSC
0.037 BSC
L
0.40
0.70
0.016
0.027
M
N
0.05
0.15
0.002
0.006
P
4.75
5.05
0.187
0.198
LM
8-Pin Plastic MLP-Micro Exposed Pad
e
D
E
b
A3
Internally Connected
together, but isolated
from all other terminals
L2
L2
D2
E2
L
A2
A
A1
K
Θ
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
0.80
1.00
0.031
0.039
A1
0.00
0.05
0.000
0.002
A2
0.65
0.75
0.025
0.029
A3
0.15
0.25
0.005
0.009
b
0.28
0.38
0.011
0.015
D
2.90
3.10
0.114
0.122
E
2.90
3.10
0.114
0.122
e
0.65 BSC
0.025 BSC
D2
1.52
2.08
0.060
0.082
E2
1.02
1.31
0.040
0.052
K
0.20
*
0.008
*
L
0.20
0.60
0.008
0.023
L2
0
0.13
0
0.005
Θ
12°
12°
Note:
1. Dimensions do not include mold flash or
protrusions;
these
shall
not
exceed
0.155mm(.006”) on any side.
Lead dimension
shall not include solder coverage.


Similar Part No. - LX1992

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1990 MICROSEMI-LX1990 Datasheet
262Kb / 11P
   Dual Programmable LED Current Sink
LX1990 MICROSEMI-LX1990 Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM MICROSEMI-LX1990ILM Datasheet
262Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM MICROSEMI-LX1990ILM Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM-TR MICROSEMI-LX1990ILM-TR Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
More results

Similar Description - LX1992

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
   High Efficiency LED Driver
LX1993 MICROSEMI-LX1993 Datasheet
453Kb / 12P
   High Efficiency LED Driver
LX1994 MICROSEMI-LX1994_06 Datasheet
256Kb / 13P
   High Efficiency LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
   High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
   High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
   High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
[Old version datasheet]   High-Efficiency White-LED Driver
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
   High Efficiency White LED Driver
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
   High Efficiency White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com