Electronic Components Datasheet Search
  English  ▼

X  

LP6-EWN1-03-N3 Datasheet(PDF) 2 Page - Cree, Inc

Part # LP6-EWN1-03-N3
Description  SMD LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LP6-EWN1-03-N3 Datasheet(HTML) 2 Page - Cree, Inc

  LP6-EWN1-03-N3 Datasheet HTML 1Page - Cree, Inc LP6-EWN1-03-N3 Datasheet HTML 2Page - Cree, Inc LP6-EWN1-03-N3 Datasheet HTML 3Page - Cree, Inc LP6-EWN1-03-N3 Datasheet HTML 4Page - Cree, Inc LP6-EWN1-03-N3 Datasheet HTML 5Page - Cree, Inc LP6-EWN1-03-N3 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
2
CLD-CT67.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Standard Bins for LP6-EWN-03-N3 (I
F = 3 x 50 mA)
Lamps are sorted to luminous intensity (I
V) and chromaticity coordiates (x,y) bins shown.
Orders for LP6-EWN1-03-N3 may be filled with any or all bins contained as below.
All luminous intensity (I
V) and chromaticity coordinates (x,y) values shown and specified are at IF = 3 x 50 mA.
A1
A2
B1
B2
c
Z6 or
above
Z5(V)
Z4(U)
Z3(T)
Rank
A1
A2
B1
Chromaticity
Coordinates
x
0.245
0.264
0.280
0.264
0.264
0.283
0.296
0.280
0.283
0.307
0.313
0.296
y
0.229
0.267
0.248
0.220
0.267
0.305
0.276
0.248
0.305
0.337
0.297
0.276
Rank
B2
c
Chromaticity
Coordinates
x
0.307
0.330
0.330
0.313
0.330
0.361
0.356
0.330
y
0.337
0.360
0.318
0.297
0.360
0.385
0.351
0.318
Important Notes:
All ranks will be included per delivery; rank ratio will be based on the dice distribution.
Tolerance of measurement of luminous intensity is ±10%.
Tolerance of measurement of the color coordinates is ±0.01.
Tolerance of measurement of V
F is ±0.05 V.
Packaging methods are available for selection; please refer to the “Cree LED Lamp Packaging” document.
Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.
Do not handle the device by the SMD surface. Care must be taken to avoid damage to the SMD surface or the
interior of the device, which can be damaged by excessive force to the SMD surface.
1.
2.
3.
4.
5.
6.
7.
8.
Chromaticity Coordinates (x,y)
14000 mcd
(42 lm)
11200 mcd
(29 lm)
9000 mcd
(23 lm)
7100 mcd
(18 lm)


Similar Part No. - LP6-EWN1-03-N3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LP6-PBL1-03-N1 CREE-LP6-PBL1-03-N1 Datasheet
342Kb / 5P
   SMD LED
LP6-PPG1-03-N1 CREE-LP6-PPG1-03-N1 Datasheet
331Kb / 5P
   SMD LED
LP6-PPP1-01-N1 CREE-LP6-PPP1-01-N1 Datasheet
427Kb / 7P
   SMD LED
LP6-PPP2-01-N1 CREE-LP6-PPP2-01-N1 Datasheet
414Kb / 7P
   SMD LED
LP6-PWN1-03-N1 CREE-LP6-PWN1-03-N1 Datasheet
412Kb / 6P
   SMD LED
More results

Similar Description - LP6-EWN1-03-N3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com