Electronic Components Datasheet Search
  English  ▼

X  

LP6-EWN1-03-N3 Datasheet(PDF) 5 Page - Cree, Inc

Part # LP6-EWN1-03-N3
Description  SMD LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LP6-EWN1-03-N3 Datasheet(HTML) 5 Page - Cree, Inc

  LP6-EWN1-03-N3 Datasheet HTML 1Page - Cree, Inc LP6-EWN1-03-N3 Datasheet HTML 2Page - Cree, Inc LP6-EWN1-03-N3 Datasheet HTML 3Page - Cree, Inc LP6-EWN1-03-N3 Datasheet HTML 4Page - Cree, Inc LP6-EWN1-03-N3 Datasheet HTML 5Page - Cree, Inc LP6-EWN1-03-N3 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
5
CLD-CT67.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Mechanical Dimensions
All dimensions are in mm.
Notes
RoHS Compliance
The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or
otherwise restricted materials in this product are below the maximum concentration values (also referred to as the
threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Direc-
tive 2002/95/EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(RoHS), as amended through April 21, 2006.
Vision Advisory Claim
Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.
2/5
Format #: COTCO-D-074
REV.4
Document No.
SPE/LP6-EWN1-03-N3
Rev. No.
02
A
Apppplliiccaattiioonnss::
D
Diim
meennssiioonn D
Drraaw
wiinngg
- Indicators
- Illuminations
- LCD Back Lights
- Automobile’s Applications
A
Abbssoolluuttee M
Maaxxiim
muum
m R
Raattiinnggss aatt TTaa == 2255
°C
Items
Symbol
Absolute maximum
Rating
Unit
Forward Current
IF
3
x 50
mA
Peak Forward Current*
IFP
3
x 100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
3
x 240
mW
Operation Temperature
Topr
-40 ~ + 100
°C
Storage Temperature
Tstg
-40 ~ + 100
°C
Junction temperature
Tj
+110
°C
Junction/ambient **
Rth JA
3 x 300
°C /W
Rth
3 x 160
°C /W
Junction/solder point
JS
*pulse width<=0.1msec duty <=1/10 **
Rth test condition: Mounted on PC Board FR 4(pad size>=40mm2)
TTyyppiiccaall E
Elleeccttrriiccaall &
& O
Oppttiiccaall C
Chhaarraacctteerriissttiiccss (( TTaa == 2255°C))
Items
Symbol
Condition
Min.
Typ.
Max.
Unit
= 3
x 50mA
---
3.8
4.8
V
Forward Voltage
V
I
F
F
Reverse Current
I
V = 5V
---
---
10
A
R
R
Luminous Flux
I
V
F =3 x 50mA
---
27000
---
mlm
Luminous Intensity
I
I
V
F = 3 x 50mA
mcd
7100
10000
---
x
I = 3 x 50mA
---
0.31
---
---
F
Chromaticity
Coordinates
= 3
x 50mA
---
0.32
---
---
y
IF
= 3
x 50mA
---
120
---
deg
50% Power Angle
2
½
IF


Similar Part No. - LP6-EWN1-03-N3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LP6-PBL1-03-N1 CREE-LP6-PBL1-03-N1 Datasheet
342Kb / 5P
SMD LED
LP6-PPG1-03-N1 CREE-LP6-PPG1-03-N1 Datasheet
331Kb / 5P
SMD LED
LP6-PPP1-01-N1 CREE-LP6-PPP1-01-N1 Datasheet
427Kb / 7P
SMD LED
LP6-PPP2-01-N1 CREE-LP6-PPP2-01-N1 Datasheet
414Kb / 7P
SMD LED
LP6-PWN1-03-N1 CREE-LP6-PWN1-03-N1 Datasheet
412Kb / 6P
SMD LED
More results

Similar Description - LP6-EWN1-03-N3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
LED SMD
logo
KODENSHI_AUK CORP.
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
SMD LED
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
SMD LED
logo
Lite-On Technology Corp...
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
SMD LED
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
SMD LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com