Electronic Components Datasheet Search
  English  ▼

X  

M58LT128HSB Datasheet(PDF) 103 Page - STMicroelectronics

Part # M58LT128HSB
Description  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HSB Datasheet(HTML) 103 Page - STMicroelectronics

Back Button M58LT128HSB Datasheet HTML 99Page - STMicroelectronics M58LT128HSB Datasheet HTML 100Page - STMicroelectronics M58LT128HSB Datasheet HTML 101Page - STMicroelectronics M58LT128HSB Datasheet HTML 102Page - STMicroelectronics M58LT128HSB Datasheet HTML 103Page - STMicroelectronics M58LT128HSB Datasheet HTML 104Page - STMicroelectronics M58LT128HSB Datasheet HTML 105Page - STMicroelectronics M58LT128HSB Datasheet HTML 106Page - STMicroelectronics M58LT128HSB Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 110 page
background image
M58LT128HST, M58LT128HSB
Command interface state tables
103/110
Table 42.
Command Interface states - modify table, next output state(1) (2)
Current CI State
Command Input
Read
Array
(3)
(FFh)
Program
Setup(4)
(5)
(10/40h)
Buffer
Program
(E8h)
Block
Erase,
Setup(4)
(5)
(20h)
BEFP
Setup
(80h)
Blank
Check
setup
(BCh)
Erase Confirm
P/E Resume,
Block
Unprotect
confirm, BEFP
Confirm(4)(5)
(D0h)
Blank
Check
confirm
(CBh)
Program/
Erase
Suspend
(B0h)
Read
Status
Register
(70h)
Clear
Status
Register
(50h)
Read
Electronic
signature,
Read CFI
Query
(90h, 98h)
Program Setup
Status Register
Erase Setup
OTP Setup
Program Setup in
Erase Suspend
BEFP Setup
BEFP Busy
Buffer Program
Setup
Buffer Program
Load 1
Buffer Program
Load 2
Buffer Program
Confirm
Buffer Program
Setup in Erase
Suspend
Buffer Program
Load 1 in Erase
Suspend
Buffer Program
Load 2 in Erase
Suspend
Buffer Program
Confirm in Erase
Suspend
Blank Check setup
Protect/CR Setup
Protect/CR Setup in
Erase Suspend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com