Electronic Components Datasheet Search
  English  ▼

X  

SSC-HB105-69 Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # SSC-HB105-69
Description  CHIP LED DEVICE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-HB105-69 Datasheet(HTML) 5 Page - Seoul Semiconductor

  SSC-HB105-69 Datasheet HTML 1Page - Seoul Semiconductor SSC-HB105-69 Datasheet HTML 2Page - Seoul Semiconductor SSC-HB105-69 Datasheet HTML 3Page - Seoul Semiconductor SSC-HB105-69 Datasheet HTML 4Page - Seoul Semiconductor SSC-HB105-69 Datasheet HTML 5Page - Seoul Semiconductor SSC-HB105-69 Datasheet HTML 6Page - Seoul Semiconductor SSC-HB105-69 Datasheet HTML 7Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
6. Outline Dimension
( Tolerance: ±0.1, Unit: ㎜ )
7. Packing
4.0
4.0
1.5
0.5
0.95
2.0
0.2
180
13
±0.2
Label
22
2 ±0.2
+0
-3
11.4
9 ±0.3
±0.1
±0.05
±0.1
±0.05
±0.05
±0.05
+0.1
-0
0.5 ±0.08
( Tolerance: ±0.2, Unit: ㎜ )
(1) Quantity : 4,000pcs/Reel
(2) Cumulative Tolerance : Cumulative Tolerance/10 pitches to be ±0.2mm
(3) Adhesion Strength of Cover Tape : Adhesion strength to be 0.1-0.7N when the cover tape is turned off
from the carrier tape at 10˚ angle to be the carrier tape.
(4) Package : P/N, Manufacturing data Code No. and quantity to be indicated on a damp proof Package.
SEOUL SEMICONDUCTOR CO,. LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL: 82-2-3281-6269 FAX: 82-2-858-5537
- 5/7 -
SSC-HB105-69
SSC-QP-0401-06(REV.0)
0.35
0.13
0.8
PCB
Resin
Anode
Cathode
[Recommended Solder Pattern]
Anode
Cathode
0.8


Similar Part No. - SSC-HB105-69

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-HB105-74 SEOUL-SSC-HB105-74 Datasheet
409Kb / 7P
CHIP LED DEVICE
SSC-HB105-LA SEOUL-SSC-HB105-LA Datasheet
423Kb / 7P
CHIP LED DEVICE
SSC-HB105-LM SEOUL-SSC-HB105-LM Datasheet
435Kb / 8P
CHIP LED DEVICE
More results

Similar Description - SSC-HB105-69

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-FR104 SEOUL-SSC-FR104 Datasheet
388Kb / 7P
CHIP LED DEVICE
SSC-HB105-LA SEOUL-SSC-HB105-LA Datasheet
423Kb / 7P
CHIP LED DEVICE
SSC-THB105-69 SEOUL-SSC-THB105-69 Datasheet
427Kb / 7P
CHIP LED DEVICE
SSC-UY101-IE1 SEOUL-SSC-UY101-IE1 Datasheet
465Kb / 7P
CHIP LED DEVICE
SSC-UY401 SEOUL-SSC-UY401 Datasheet
515Kb / 7P
CHIP LED DEVICE
WH1222 SEOUL-WH1222 Datasheet
444Kb / 8P
CHIP LED DEVICE
SSC-FR104-II1 SEOUL-SSC-FR104-II1 Datasheet
388Kb / 7P
CHIP LED DEVICE
SSC-HBFR411-SK SEOUL-SSC-HBFR411-SK Datasheet
261Kb / 7P
CHIP LED DEVICE
NB104-S SEOUL-NB104-S Datasheet
503Kb / 8P
CHIP LED DEVICE
WH104-S SEOUL-WH104-S Datasheet
394Kb / 10P
CHIP LED DEVICE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com