Electronic Components Datasheet Search
  English  ▼

X  

SSC-HBTS901 Datasheet(PDF) 10 Page - Seoul Semiconductor

Part # SSC-HBTS901
Description  CHIP LED DEVICE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-HBTS901 Datasheet(HTML) 10 Page - Seoul Semiconductor

Back Button SSC-HBTS901 Datasheet HTML 2Page - Seoul Semiconductor SSC-HBTS901 Datasheet HTML 3Page - Seoul Semiconductor SSC-HBTS901 Datasheet HTML 4Page - Seoul Semiconductor SSC-HBTS901 Datasheet HTML 5Page - Seoul Semiconductor SSC-HBTS901 Datasheet HTML 6Page - Seoul Semiconductor SSC-HBTS901 Datasheet HTML 7Page - Seoul Semiconductor SSC-HBTS901 Datasheet HTML 8Page - Seoul Semiconductor SSC-HBTS901 Datasheet HTML 9Page - Seoul Semiconductor SSC-HBTS901 Datasheet HTML 10Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
11. Reliability
(1) TEST ITEMS AND RESULTS
TEST ITEM
Test conditions
Note
Number of
Damaged
Resistance to
Soldering Heat
Tsld=240°C, 5sec.
Pre treatment 85℃,85%,72hrs
2 Times
0/50
Thermal Shock
-30
°C ~ 85°C
30min. 30min.
20 cycles
0/50
High Temperature
Life Test
Ta=85°C; IF=5mA
1000 hrs.
0/20
Humidity
Heat Load
Ta=85°C; RH=85%
1000 hrs.
0/50
Low Temperature
Storage
Ta=-30°C
1000 hrs.
0/50
Life Test
Ta=25°C; IF=20mA
1000 hrs.
0/20
High Temperature
Storage
Ta=100°C
1000 hrs.
0/50
High Humidity
Heat Life Test
Ta=60°C; RH=90%, IF=15mA
500 hrs.
0/20
Low Temperature
Life Test
Ta=-30°C; IF=20mA
1000 hrs.
0/20
Solderability
(Reflow Soldering)
Tsld=215±5°C, 3sec.
(Lead Solder)
1 Time
over 95%
0/50
Temperature Cycle
-40
°C~25°C~100°C~25°C
30min. 5min. 30min. 5min.
100 hrs.
0/50
Moisture Resistance
Cycle
25
°C~65°C~-10°C
RH=90%, 24hrs./1cycle
10 cycles
0/50
(2) CRITERIA FOR JUDGING THE DAMAGE
Criteria for Judgment
Item
Symbol
Test Condition
Min.
Max.
Forward Voltage
VF
IF=20mA
-
U.S.L×1.2
Reverse Current
IR
VR=5V
-
U.S.L×2.0
Luminous Intensity
IV
IF=20mA
L.S.L×0.5
-
U.S.L. : Upper Standard Level
L.S.L. : Lower Standard Level
SEOUL SEMICONDUCTOR CO,. LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL: 82-2-3281-6269 FAX: 82-2-858-5537
- 10/10
SSC-HBTS901
SSC-QP-0401-06


Similar Part No. - SSC-HBTS901

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-HBTGFR421 SEOUL-SSC-HBTGFR421 Datasheet
405Kb / 7P
   CHIP LED DEVICE
SSC-HBTGFR5210 SEOUL-SSC-HBTGFR5210 Datasheet
656Kb / 8P
   CHIP LED DEVICE
More results

Similar Description - SSC-HBTS901

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-HB105-69 SEOUL-SSC-HB105-69 Datasheet
409Kb / 7P
   CHIP LED DEVICE
SSC-HB105-LA SEOUL-SSC-HB105-LA Datasheet
423Kb / 7P
   CHIP LED DEVICE
SSC-FR104 SEOUL-SSC-FR104 Datasheet
388Kb / 7P
   CHIP LED DEVICE
SSC-UY101-IE1 SEOUL-SSC-UY101-IE1 Datasheet
465Kb / 7P
   CHIP LED DEVICE
WH1222 SEOUL-WH1222 Datasheet
444Kb / 8P
   CHIP LED DEVICE
SSC-THB105-69 SEOUL-SSC-THB105-69 Datasheet
427Kb / 7P
   CHIP LED DEVICE
SSC-UY401 SEOUL-SSC-UY401 Datasheet
515Kb / 7P
   CHIP LED DEVICE
SSC-HBFR411-SK SEOUL-SSC-HBFR411-SK Datasheet
261Kb / 7P
   CHIP LED DEVICE
WH104-S SEOUL-WH104-S Datasheet
394Kb / 10P
   CHIP LED DEVICE
NB104-S SEOUL-NB104-S Datasheet
503Kb / 8P
   CHIP LED DEVICE
SSC-FR104-II1 SEOUL-SSC-FR104-II1 Datasheet
388Kb / 7P
   CHIP LED DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com