Electronic Components Datasheet Search
  English  ▼

X  

SSC-HBTS901 Datasheet(PDF) 2 Page - Seoul Semiconductor

Part # SSC-HBTS901
Description  CHIP LED DEVICE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-HBTS901 Datasheet(HTML) 2 Page - Seoul Semiconductor

  SSC-HBTS901 Datasheet HTML 1Page - Seoul Semiconductor SSC-HBTS901 Datasheet HTML 2Page - Seoul Semiconductor SSC-HBTS901 Datasheet HTML 3Page - Seoul Semiconductor SSC-HBTS901 Datasheet HTML 4Page - Seoul Semiconductor SSC-HBTS901 Datasheet HTML 5Page - Seoul Semiconductor SSC-HBTS901 Datasheet HTML 6Page - Seoul Semiconductor SSC-HBTS901 Datasheet HTML 7Page - Seoul Semiconductor SSC-HBTS901 Datasheet HTML 8Page - Seoul Semiconductor SSC-HBTS901 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1. Features
Package : 2.8 × 1.2 × 1.0 mm
Tape and reel packing
2. Absolute Maximum Ratings
(Ta=25℃)
Parameter
Symbol
Value
Unit
Power Dissipation
Pd
120
Forward Current
IF
30
Peak Forward Current
IFM
*1
100
Reverse Voltage
VR
5
V
Operating Temperature
Topr
- 30 ~ +85
Storage Temperature
Tstg
- 40 ~ +100
*1 IFM conditions: Pulse width Tw≤ 0.1ms, Duty ratio≤ 1/10
Care is to be taken that Power Dissipation does not exceed the Absolute Maximum Rating of the product.
3. Electro-Optical Characteristics
(Ta=25ºC)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF =20mA
-
3.6
4.0
V
Reverse Current
IR
VR =5V
-
-
10
µA
Luminous Intensity*1
IV
IF =20mA
60
100
-
mcd
Dominant Wavelength
λ
d
IF =20mA
-
465
-
nm
Spectral Bandwidth 50%
∆λ
IF =20mA
-
24
-
nm
Viewing Angle *2
2
θ½
-
-
120
-
deg.
*1 The luminous intensity IV was measured at the peak of the spatial pattern which may not be aligned with the mechanical axis of the LED package.
Luminous Intensity Measurement allowance is ±10%.
*2 2
θ½ is the off-axis where the luminous intensity is 1/2 the peak intensity.
Note : All products confirm to the listed minimum and maximum specifications for electric and optical characteristics, when operated at 20mA within
the maximum ratings shown above. All measurements were made under the standardized environment of SSC.
SEOUL SEMICONDUCTOR CO,. LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL: 82-2-3281-6269 FAX: 82-2-858-5537
- 2/10
SSC-HBTS901
SSC-QP-0401-06


Similar Part No. - SSC-HBTS901

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-HBTGFR421 SEOUL-SSC-HBTGFR421 Datasheet
405Kb / 7P
   CHIP LED DEVICE
SSC-HBTGFR5210 SEOUL-SSC-HBTGFR5210 Datasheet
656Kb / 8P
   CHIP LED DEVICE
More results

Similar Description - SSC-HBTS901

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-HB105-69 SEOUL-SSC-HB105-69 Datasheet
409Kb / 7P
   CHIP LED DEVICE
SSC-HB105-LA SEOUL-SSC-HB105-LA Datasheet
423Kb / 7P
   CHIP LED DEVICE
SSC-FR104 SEOUL-SSC-FR104 Datasheet
388Kb / 7P
   CHIP LED DEVICE
SSC-UY101-IE1 SEOUL-SSC-UY101-IE1 Datasheet
465Kb / 7P
   CHIP LED DEVICE
WH1222 SEOUL-WH1222 Datasheet
444Kb / 8P
   CHIP LED DEVICE
SSC-THB105-69 SEOUL-SSC-THB105-69 Datasheet
427Kb / 7P
   CHIP LED DEVICE
SSC-UY401 SEOUL-SSC-UY401 Datasheet
515Kb / 7P
   CHIP LED DEVICE
SSC-HBFR411-SK SEOUL-SSC-HBFR411-SK Datasheet
261Kb / 7P
   CHIP LED DEVICE
WH104-S SEOUL-WH104-S Datasheet
394Kb / 10P
   CHIP LED DEVICE
NB104-S SEOUL-NB104-S Datasheet
503Kb / 8P
   CHIP LED DEVICE
SSC-FR104-II1 SEOUL-SSC-FR104-II1 Datasheet
388Kb / 7P
   CHIP LED DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com